Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1251 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1251
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1251 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1251 Datasheet HTML 1Page - Texas Instruments ADS1251 Datasheet HTML 2Page - Texas Instruments ADS1251 Datasheet HTML 3Page - Texas Instruments ADS1251 Datasheet HTML 4Page - Texas Instruments ADS1251 Datasheet HTML 5Page - Texas Instruments ADS1251 Datasheet HTML 6Page - Texas Instruments ADS1251 Datasheet HTML 7Page - Texas Instruments ADS1251 Datasheet HTML 8Page - Texas Instruments ADS1251 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADS1251
3
SBAS184D
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
All specifications at TMIN to TMAX, VDD = +5V, CLK = 8MHz, and VREF = 4.096, unless otherwise specified.
ADS1251U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE REFERENCE
VREF
0.5
4.096
VDD
V
Load Current
32
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Level: VIH
+4.0
+VDD + 0.3
V
VIL
–0.3
+0.8
V
VOH
IOH = –500µA
+4.5
V
VOL
IOL = 500µA
0.4
V
Input (SCLK, CLK) Hysteresis
0.6
V
Data Format
Offset Binary Two’s Complement
POWER-SUPPLY REQUIREMENTS
Operation
+4.75
+5
+5.25
VDC
Quiescent Current
VDD = +5VDC
1.5
2
mA
Operating Power
7.5
10
mW
Power-Down Current
0.4
1
µA
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–60
+100
°C
PIN CONFIGURATION
Top View
SO
PIN DESCRIPTIONS
PIN
NAME
PIN DESCRIPTION
1+VIN
Analog Input: Positive Input of the Differen-
tial Analog Input
2–VIN
Analog Input: Negative Input of the Differ-
ential Analog Input.
3+VDD
Input: Power-Supply Voltage, +5V
4
CLK
Digital Input: Device System Clock. The
system clock is in the form of a CMOS-
compatible clock. This is a Schmitt-Trigger
input.
5
DOUT/DRDY
Digital Output: Serial Data Output/Data
Ready. This output indicates that a new
output word is available from the ADS1251
data output register. The serial data is
clocked out of the serial data output shift
register using SCLK.
6
SCLK
Digital Input: Serial Clock. The serial clock
is in the form of a CMOS-compatible clock.
The serial clock operates independently
from the system clock, therefore, it is pos-
sible to run SCLK at a higher frequency
than CLK. The normal state of SCLK is
LOW. Holding SCLK HIGH will either ini-
tiate a modulator reset for synchronizing
multiple converters or enter power-down
mode. This is a Schmitt-Trigger input.
7
GND
Input: Ground
8VREF
Analog Input: Reference Voltage Input
+V
IN
ADS1251U
GND
–V
IN
V
REF
+V
DD
SCLK
DOUT/DRDY
CLK
1
2
3
4
8
7
6
5


Similar Part No. - ADS1251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251U TI-ADS1251U Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251U TI-ADS1251U Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com