Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1252U Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1252U
Description  24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1252U Datasheet(HTML) 4 Page - Texas Instruments

  ADS1252U Datasheet HTML 1Page - Texas Instruments ADS1252U Datasheet HTML 2Page - Texas Instruments ADS1252U Datasheet HTML 3Page - Texas Instruments ADS1252U Datasheet HTML 4Page - Texas Instruments ADS1252U Datasheet HTML 5Page - Texas Instruments ADS1252U Datasheet HTML 6Page - Texas Instruments ADS1252U Datasheet HTML 7Page - Texas Instruments ADS1252U Datasheet HTML 8Page - Texas Instruments ADS1252U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADS1252
4
SBAS127D
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VDD = +5V, CLK = 16MHz, and VREF = 4.096V, unless otherwise specified.
RMS NOISE vs DATA OUTPUT RATE
Data Output Rate (Hz)
1k
100
10k
100k
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
2.5
2.0
1.5
1.0
0.5
0
RMS NOISE vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
10
9
8
7
6
5
4
3
2
1
0
V
REF (V)
01
2
3
4
6
5
RMS NOISE vs V
REF VOLTAGE
19.50
19.25
19.00
18.75
18.5
EFFECTIVE RESOLUTION vs DATA OUTPUT RATE
Data Output Rate (Hz)
100
1k
10k
100k
19.0
18.9
18.8
18.7
18.6
18.5
18.4
18.3
18.2
18.1
18.0
EFFECTIVE RESOLUTION vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
25
20
15
10
5
0
V
REF (V)
01
2
3
4
6
5
RMS NOISE vs V
REF VOLTAGE


Similar Part No. - ADS1252U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1252U BURR-BROWN-ADS1252U Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1252U TI1-ADS1252U Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
ADS1252U/2K5 TI1-ADS1252U/2K5 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
ADS1252U/2K5G4 TI1-ADS1252U/2K5G4 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
ADS1252UG4 TI1-ADS1252UG4 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1252U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1252 TI1-ADS1252_16 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1252 BURR-BROWN-ADS1252 Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com