Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1241 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1241
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1241 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1241 Datasheet HTML 1Page - Texas Instruments ADS1241 Datasheet HTML 2Page - Texas Instruments ADS1241 Datasheet HTML 3Page - Texas Instruments ADS1241 Datasheet HTML 4Page - Texas Instruments ADS1241 Datasheet HTML 5Page - Texas Instruments ADS1241 Datasheet HTML 6Page - Texas Instruments ADS1241 Datasheet HTML 7Page - Texas Instruments ADS1241 Datasheet HTML 8Page - Texas Instruments ADS1241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
24-Bit
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 24 BITS NO MISSING CODES
q SIMULTANEOUS 50Hz AND 60Hz REJECTION
(–90dB MINIMUM)
q 0.0015% INL
q 21 BITS EFFECTIVE RESOLUTION
(PGA = 1), 19 BITS (PGA = 128)
q PGA GAINS FROM 1 TO 128
q SINGLE CYCLE SETTLING
q PROGRAMMABLE DATA OUTPUT RATES
q EXTERNAL DIFFERENTIAL REFERENCE
OF 0.1V TO 5V
q ON-CHIP CALIBRATION
q SPI™ COMPATIBLE
q 2.7V TO 5.25V SUPPLY RANGE
q 600
µW POWER CONSUMPTION
q UP TO EIGHT INPUT CHANNELS
q UP TO EIGHT DATA I/O
DESCRIPTION
The ADS1240 and ADS1241 are precision, wide dynamic range,
delta-sigma, Analog-to-Digital (A/D) converters with 24-bit resolution
operating from 2.7V to 5.25V power supplies. The delta-sigma A/D
converter provides up to 24 bits of no missing code performance and
effective resolution of 21 bits.
The input channels are multiplexed. Internal buffering can be
selected to provide very high input impedance for direct connection
to transducers or low-level voltage signals. Burnout current sources
are provided that allow for detection of an open or shorted sensor.
An 8-bit Digital-to-Analog (D/A) converter provides an offset cor-
rection with a range of 50% of the Full-Scale Range (FSR).
The Programmable Gain Amplifier (PGA) provides selectable gains of
1 to 128, with an effective resolution of 19 bits at a gain of 128. The
A/D conversion is accomplished with a 2nd-order delta-sigma modu-
lator and programmable Finite-Impulse Response (FIR) filter that
provides a simultaneous 50Hz and 60Hz notch. The reference input
is differential and can be used for ratiometric conversion.
The serial interface is SPI compatible. Up to eight bits of data
I/O are also provided that can be used for input or output. The
ADS1240 and ADS1241 are designed for high-resolution measure-
ment applications in smart transmitters, industrial process control,
weigh scales, chromatography, and portable instrumentation.
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q WEIGH SCALES
q LIQUID /GAS CHROMATOGRAPHY
q BLOOD ANALYSIS
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTATION
BUF
PGA
A = 1:128
+
Clock Generator
Serial Interface
2nd-Order
Modulator
AGND
AV
DD
V
REF+ VREF–
X
IN
X
OUT
DSYNC
PDWN
RESET
DRDY
BUFEN
DGND
DV
DD
SCLK
POL
D
IN
D
OUT
CS
MUX
A
IN0/D0
A
IN1/D1
A
IN2/D2
A
IN3/D3
A
IN4/D4
A
IN5/D5
A
IN6/D6
A
IN7/D7
A
INCOM
Controller
Registers
Digital
Filter
2
µA
AV
DD
Offset
DAC
AGND
2
µA
ADS1241
Only
ADS1
241
ADS1
240
ADS1240
ADS1241
SBAS173F – JUNE 2001 – REVISED OCTOBER 2013
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks property of their respective owners.


Similar Part No. - ADS1241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1241 TI-ADS1241 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1241-EVM TI-ADS1241-EVM Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1241E TI-ADS1241E Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1241E TI1-ADS1241E Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1241E/1K TI-ADS1241E/1K Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com