Electronic Components Datasheet Search |
|
ADS1232 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
ADS1232 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 40 page www.ti.com ORDERING INFORMATION ABSOLUTE MAXIMUM RATINGS ADS1232 ADS1234 SBAS350F – JUNE 2005 – REVISED FEBRUARY 2008 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI website at www.ti.com. over operating free-air temperature range (unless otherwise noted) (1) ADS1232, ADS1234 UNIT AVDD to AGND –0.3 to +6 V DVDD to DGND –0.3 to +6 V AGND to DGND –0.3 to +0.3 V Input Current 100, Momentary mA Input Current 10, Continuous mA Analog Input Voltage to AGND –0.3 to AVDD + 0.3 V Digital Input Voltage to DGND –0.3 to DVDD + 0.3 V Maximum Junction Temperature +150 °C Operating Temperature Range –40 to +105 °C Storage Temperature Range –60 to +150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2 Copyright © 2005–2008, Texas Instruments Incorporated Product Folder Link(s): ADS1232 ADS1234 |
Similar Part No. - ADS1232 |
|
Similar Description - ADS1232 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |