Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1240E1K Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS1240E1K
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1240E1K Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1240E1K Datasheet HTML 2Page - Texas Instruments ADS1240E1K Datasheet HTML 3Page - Texas Instruments ADS1240E1K Datasheet HTML 4Page - Texas Instruments ADS1240E1K Datasheet HTML 5Page - Texas Instruments ADS1240E1K Datasheet HTML 6Page - Texas Instruments ADS1240E1K Datasheet HTML 7Page - Texas Instruments ADS1240E1K Datasheet HTML 8Page - Texas Instruments ADS1240E1K Datasheet HTML 9Page - Texas Instruments ADS1240E1K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADS1240, 1241
6
SBAS173F
www.ti.com
SPEC
DESCRIPTION
MIN
MAX
UNITS
t1
SCLK Period
4tOSC Periods
3
DRDY Periods
t2
SCLK Pulse Width, HIGH and LOW
200
ns
t3
CS low to first SCLK Edge; Setup Time(2)
0ns
t4
DIN Valid to SCLK Edge; Setup Time
50
ns
t5
Valid DIN to SCLK Edge; Hold Time
50
ns
t6
Delay between last SCLK edge for DIN and first SCLK edge for DOUT:
RDATA, RDATAC, RREG, WREG
50
tOSC Periods
t7(1)
SCLK Edge to Valid New DOUT
50
ns
t8(1)
SCLK Edge to DOUT, Hold Time
0
ns
t9
Last SCLK Edge to DOUT Tri-State
6
10
tOSC Periods
NOTE: DOUT goes tri-state immediately when CS goes HIGH.
t10
CS LOW time after final SCLK edge.
Read from the device
0
tOSC Periods
Write to the device
8
tOSC Periods
t11
Final SCLK edge of one command until first edge SCLK
of next command:
RREG, WREG, DSYNC, SLEEP, RDATA, RDATAC, STOPC
4tOSC Periods
SELFGCAL, SELFOCAL, SYSOCAL, SYSGCAL
2
DRDY Periods
SELFCAL
4
DRDY Periods
RESET (also SCLK Reset or RESET Pin)
16
tOSC Periods
t16
Pulse Width
4tOSC Periods
t17
Allowed analog input change for next valid conversion.
5000
tOSC Periods
t18
DOR update, DOR data not valid.
4
tOSC Periods
t19
First SCLK after DRDY goes LOW:
RDATAC Mode
10
tOSC Periods
Any other mode
0
tOSC Periods
NOTES: (1) Load = 20pF
 10kΩ to DGND.
(2) CS may be tied LOW.
TIMING DIAGRAMS
TIMING CHARACTERISTICS TABLE
t
4
MSB
(Command or Command and Data)
LSB
t
5
t
1
t
3
CS
SCLK
(POL = 0)
D
IN
D
OUT
NOTE: (1) Bit order = 0.
SCLK Reset Waveform
t
7
MSB(1)
LSB(1)
t
8
t
10
t
2
t
2
t
11
t
6
t
9
SCLK
(POL = 1)
t
12
t
14
t
15
t
13
t
13
SCLK
ADS1240 or ADS1241
Resets On
Falling Edge
300 • t
OSC < t12 < 500 • tOSC
t
13 : > 5 • tOSC
550 • t
OSC < t14 < 750 • tOSC
1050 • t
OSC < t15 < 1250 • tOSC
DIAGRAM 1.
DIAGRAM 2.
t
17
t
18
DRDY
SCLK
t
DATA
t
16
RESET, DSYNC, PDWN
t
19


Similar Part No. - ADS1240E1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1240E TI-ADS1240E Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E TI1-ADS1240E Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1K TI-ADS1240E/1K Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1K TI1-ADS1240E/1K Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1KG4 TI1-ADS1240E/1KG4 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1240E1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com