Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1232IPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1232IPWR
Description  24-Bit Analog-to-Digital Converter For Bridge Sensors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1232IPWR Datasheet(HTML) 4 Page - Texas Instruments

  ADS1232IPWR Datasheet HTML 1Page - Texas Instruments ADS1232IPWR Datasheet HTML 2Page - Texas Instruments ADS1232IPWR Datasheet HTML 3Page - Texas Instruments ADS1232IPWR Datasheet HTML 4Page - Texas Instruments ADS1232IPWR Datasheet HTML 5Page - Texas Instruments ADS1232IPWR Datasheet HTML 6Page - Texas Instruments ADS1232IPWR Datasheet HTML 7Page - Texas Instruments ADS1232IPWR Datasheet HTML 8Page - Texas Instruments ADS1232IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
www.ti.com
ADS1232
ADS1234
SBAS350F – JUNE 2005 – REVISED FEBRUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = –40°C to +105°C, AVDD = DVDD = VREFP = +5V, and VREFN = AGND, unless otherwise noted.
ADS1232, ADS1234
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital
Logic Levels
VIH
0.7 DVDD
DVDD + 0.1
V
VIL
DGND
0.2 DVDD
V
VOH
IOH = 1mA
DVDD – 0.4
V
VOL
IOL = 1mA
0.2 DVDD
V
Input Leakage
0 < VIN < DVDD
±10
µA
External Clock Input Frequency
0.2
4.9152
8
MHz
(fCLKIN)
Serial Clock Input Frequency (fSCLK)
5
MHz
Power Supply
Power-Supply Voltage
2.7
5.3
V
(AVDD, DVDD)
Normal Mode, AVDD = 3V,
600
1300
µA
Gain = 1, 2
Normal Mode, AVDD = 3V,
1350
2500
µA
Gain = 64, 128
Normal Mode, AVDD = 5V,
650
1300
µA
Analog Supply Current
Gain = 1, 2
Normal Mode, AVDD = 5V,
1350
2500
µA
Gain = 64, 128
Standby Mode
0.1
1
µA
Power-Down
0.1
1
µA
Normal Mode, DVDD = 3V,
60
95
µA
Gain = 1, 2
Normal Mode, DVDD = 3V,
75
120
µA
Gain = 64, 128
Normal Mode, DVDD = 5V,
95
130
µA
Gain = 1, 2
Digital Supply Current
Normal mode, DVDD = 5V,
75
120
µA
Gain = 64, 128
Standby Mode, SCLK = High, DVDD = 3V
45
80
µA
Standby Mode, SCLK = High, DVDD = 5V
65
80
µA
Power-Down
0.2
1.3
µA
Normal Mode, AVDD = DVDD = 3V,
2
4.2
mW
Gain = 1, 2
Normal Mode, AVDD = DVDD = 5V,
3.7
7.2
mW
Gain = 1, 2
Power Dissipation, Total
Normal Mode, AVDD = DVDD = 3V,
4.3
7.9
mW
Gain = 64, 128
Normal Mode, AVDD = DVDD = 5V,
7.1
13.1
mW
Gain = 64, 128
Standby Mode, AVDD = DVDD = 5V
0.3
0.4
mW
4
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1232 ADS1234


Similar Part No. - ADS1232IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1232IPWR TI1-ADS1232IPWR Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1232IPWRG4 TI1-ADS1232IPWRG4 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
More results

Similar Description - ADS1232IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com