Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1232IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1232IPWR
Description  24-Bit Analog-to-Digital Converter For Bridge Sensors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1232IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1232IPWR Datasheet HTML 3Page - Texas Instruments ADS1232IPWR Datasheet HTML 4Page - Texas Instruments ADS1232IPWR Datasheet HTML 5Page - Texas Instruments ADS1232IPWR Datasheet HTML 6Page - Texas Instruments ADS1232IPWR Datasheet HTML 7Page - Texas Instruments ADS1232IPWR Datasheet HTML 8Page - Texas Instruments ADS1232IPWR Datasheet HTML 9Page - Texas Instruments ADS1232IPWR Datasheet HTML 10Page - Texas Instruments ADS1232IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
www.ti.com
ADS1232
ADS1234
SBAS350F – JUNE 2005 – REVISED FEBRUARY 2008
PIN DESCRIPTIONS
TERMINAL
ANALOG/DIGITAL
NAME
ADS1232
ADS1234
INPUT/OUTPUT
DESCRIPTION
DVDD
1
1
Digital
Digital Power Supply: 2.7V to 5.3V
DGND
2
2
Digital
Digital Ground
CLKIN/
External Clock Input: typically 4.9152MHz. Tie low to activate internal oscillator. Can also use
3
3
Digital/Digital Input
XTAL1
external crystal across CLKIN/XTAL1 and XTAL2 pins. See text for more details.
XTAL2
4
4
Digital
External crystal connection
DGND
5
5
Digital
Digital Ground
DGND
6
6
Digital
Digital Ground
TEMP
7
Digital Input
Onboard Temperature Diode Enable
Input Mux Select Input pin (MSB)
Input Mux Select Input pin (LSB):
A1
A0
Channel
A1
7
Digital Input
0
0
AIN1
A0
8
8
0
1
AIN2
1
0
AIN3
1
1
AIN4
CAP
9
9
Analog
Gain Amp Bypass Capacitor Connection
CAP
10
10
Analog
Gain Amp Bypass Capacitor Connection
AINP1
11
11
Analog Input
Positive Analog Input Channel 1
AINN1
12
12
Analog Input
Negative Analog Input Channel 1
AINP3
13
Analog Input
Positive Analog Input Channel 3
AINN3
14
Analog Input
Negative Analog Input Channel 3
AINN4
15
Analog Input
Negative Analog Input Channel 4
AINP4
16
Analog Input
Positive Analog Input Channel 4
AINN2
13
17
Analog Input
Negative Analog Input Channel 2
AINP2
14
18
Analog Input
Positive Analog Input Channel 2
REFN
15
19
Analog Input
Negative Reference Input
REFP
16
20
Analog Input
Positive Reference Input
AGND
17
21
Analog
Analog Ground
AVDD
18
22
Analog
Analog Power Supply, 2.7V to 5.3V
Gain Select
GAIN1
GAIN0
GAIN
0
0
1
GAIN0
19
23
Digital Input
GAIN1
20
24
0
1
2
1
0
64
1
1
128
Data Rate Select:
SPEED
DATA RATE
SPEED
21
25
Digital Input
0
10SPS
1
80SPS
PDWN
22
26
Digital Input
Power-Down: Holding this pin low powers down the entire converter and resets the ADC.
Serial Clock: Clock out data on the rising edge. Also used to initiate Offset Calibration and Sleep
SCLK
23
27
Digital Input
modes. See text for more details.
Dual-Purpose Output:
DRDY/
24
28
Digital Output
Data Ready: Indicates valid data by going low.
DOUT
Data Output: Outputs data, MSB first, on the first rising edge of SCLK.
Copyright © 2005–2008, Texas Instruments Incorporated
7
Product Folder Link(s): ADS1232 ADS1234


Similar Part No. - ADS1232IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1232IPWR TI1-ADS1232IPWR Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1232IPWRG4 TI1-ADS1232IPWRG4 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
More results

Similar Description - ADS1232IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com