Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1204IRHBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1204IRHBR
Description  Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1204IRHBR Datasheet(HTML) 4 Page - Texas Instruments

  ADS1204IRHBR Datasheet HTML 1Page - Texas Instruments ADS1204IRHBR Datasheet HTML 2Page - Texas Instruments ADS1204IRHBR Datasheet HTML 3Page - Texas Instruments ADS1204IRHBR Datasheet HTML 4Page - Texas Instruments ADS1204IRHBR Datasheet HTML 5Page - Texas Instruments ADS1204IRHBR Datasheet HTML 6Page - Texas Instruments ADS1204IRHBR Datasheet HTML 7Page - Texas Instruments ADS1204IRHBR Datasheet HTML 8Page - Texas Instruments ADS1204IRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADS1204
SBAS301C – OCTOBER 2003 – REVISED FEBRUARY 2009........................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range at –40°C to +105°C, AVDD = 5V, BVDD = 3V, CH x+ = 0.5V to 4.5V,
CH x– = 2.5V, REFIN = REFOUT = internal +2.5V, CLKIN = 20MHz, and 16-bit Sinc
3 filter with decimation by 256, unless
otherwise noted.
ADS1204
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
AC ACCURACY
VIN = ±2VPP at 5kHz;
–96
–88
dB
–40°C
≤ TA ≤ +85°C
THD
Total harmonic distortion
VIN = ±2VPP at 5kHz;
–96
–87
dB
–40°C
≤ TA ≤ +105°C
SFDR
Spurious-free dynamic range
VIN = ±2VPP at 5kHz
92
100
dB
SNR
Signal-to-noise ratio
VIN = ±2VPP at 5kHz
86
89
dB
SINAD
Signal-to-noise + distortion
VIN = ±2VPP at 5kHz
85
89
dB
Channel-to-channel isolation(5)
VIN = ±2VPP at 50kHz
85
dB
ENOB
Effective number of bits
14
14.5
Bits
VOLTAGE REFERENCE OUTPUT
VOUT
Reference voltage output
2.450
2.5
2.550
V
dVOUT/dT
Output voltage temperature drift
±20
ppm/°C
f = 0.1Hz to 10Hz, CL = 10µF
10
µVrms
Output voltage noise
f = 10Hz to 10kHz, CL = 10µF
12
µVrms
PSRR
Power-supply rejection ratio
60
dB
IOUT
Output current
10
µA
ISC
Short-circuit current
0.5
mA
Turn-on settling time
to 0.1% at CL = 0
100
µs
VOLTAGE REFERENCE INPUT
VIN
Reference voltage input
0.5
2.5
2.6
V
Reference input resistance
100
M
Reference input capacitance
5
pF
Reference input current
1
µA
DIGITAL INPUTS(6)
Logic family
CMOS with Schmitt Trigger
VIH
High-level input voltage
0.7 × BVDD
BVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.3 × BVDD
V
IIN
Input current
VI = BVDD or GND
±50
nA
CI
Input capacitance
5
pF
DIGITAL OUTPUTS(6)
Logic family
CMOS
VOH
High-level output voltage
BVDD = 4.5V, IOH = –100µA
4.44
V
VOL
Low-level output voltage
BVDD = 4.5V, IOL = +100µA
0.5
V
CO
Output capacitance
5
pF
CL
Load capacitance
30
pF
Data format
Bit stream
(5)
Specified by design.
(6)
Applicable for 5.0V nominal supply: BVDD (min) = 4.5V and BVDD (max) = 5.5V.
4
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1204


Similar Part No. - ADS1204IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1204IRHBR TI-ADS1204IRHBR Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1204IRHBR TI1-ADS1204IRHBR Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBRG4 TI1-ADS1204IRHBRG4 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Similar Description - ADS1204IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204 Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com