Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1148IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1148IPW
Description  16-Bit Analog-to-Digital Converters for Temperature Sensors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1148IPW Datasheet(HTML) 3 Page - Texas Instruments

  ADS1148IPW Datasheet HTML 1Page - Texas Instruments ADS1148IPW Datasheet HTML 2Page - Texas Instruments ADS1148IPW Datasheet HTML 3Page - Texas Instruments ADS1148IPW Datasheet HTML 4Page - Texas Instruments ADS1148IPW Datasheet HTML 5Page - Texas Instruments ADS1148IPW Datasheet HTML 6Page - Texas Instruments ADS1148IPW Datasheet HTML 7Page - Texas Instruments ADS1148IPW Datasheet HTML 8Page - Texas Instruments ADS1148IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
(V )(Gain)
IN
2
AVSS
0.1V
+
+
AVDD
0.1V
-
-
(V )(Gain)
IN
2
ADS1146
ADS1147
ADS1148
www.ti.com
SBAS453F – JULY 2009 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS
Minimum/maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications at
AVDD = +5V, DVDD = +3.3V, AVSS = DGND = 0V, VREF = +2.048V, and oscillator frequency = 4.096MHz, unless otherwise
noted.
ADS1146, ADS1147, ADS1148
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage
±VREF/PGA
(1)
V
(VIN = ADCINP – ADCINN)
Common-mode input range
V
Differential input current
100
pA
1, 2, 4, 8, 16, 32,
PGA gain settings
64, 128
Burnout current source
0.5, 2, or 10
μA
Bias voltage
(AVDD + AVSS)/2
V
Bias voltage output impedance
400
SYSTEM PERFORMANCE
Resolution
No missing codes
16
Bits
5, 10, 20, 40, 80,
Data rate
160, 320, 640,
SPS
1000, 2000
Integral nonlinearity (INL)
Differential input, end point fit, PGA = 1
±0.5
±1
LSB
Offset error
After calibration
1
LSB
PGA = 1
100
nV/°C
Offset drift
PGA = 128
15
nV/°C
Gain error
Excluding VREF errors
±0.5
%
PGA = 1, excludes VREF drift
1
ppm/°C
Gain drift
PGA = 128, excludes VREF drift
–3.5
ppm/°C
ADC conversion time
Single-cycle settling
See Table 12
Noise
See Table 1 and Table 2
Normal-mode rejection
See Table 5
At dc, PGA = 1
90
dB
Common-mode rejection
At dc, PGA = 32
100
dB
Power-supply rejection
AVDD, DVDD at dc
100
dB
VOLTAGE REFERENCE INPUT
Voltage reference input
(AVDD –
0.5
V
(VREF = VREFP – VREFN)
AVSS) – 1
Negative reference input (REFN)
AVSS – 0.1
REFP – 0.5
V
Positive reference input (REFP)
REFN + 0.5
AVDD + 0.1
V
Reference input current
30
nA
ON-CHIP VOLTAGE REFERENCE
Output voltage
2.038
2.048
2.058
V
Output current(2)
±10
mA
Load regulation
50
μV/mA
Drift(3)
TA = –40°C to +105°C
20
50
ppm/°C
Startup time
See Table 6
μs
(1)
For VREF > 2.7V, the analog input differential voltage should not exceed 2.7V/PGA
(2)
Do not exceed this loading on the internal voltage reference.
(3)
Specified by the combination of design and final production test.
Copyright © 2009–2012, Texas Instruments Incorporated
3


Similar Part No. - ADS1148IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1148IPW TI-ADS1148IPW Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1148IPW TI1-ADS1148IPW Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1148IPW TI1-ADS1148IPW Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1148IPWR TI-ADS1148IPWR Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1148IPWR TI1-ADS1148IPWR Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Similar Description - ADS1148IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com