Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1112IDRCRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1112IDRCRG4
Description  16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1112IDRCRG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1112IDRCRG4 Datasheet HTML 1Page - Texas Instruments ADS1112IDRCRG4 Datasheet HTML 2Page - Texas Instruments ADS1112IDRCRG4 Datasheet HTML 3Page - Texas Instruments ADS1112IDRCRG4 Datasheet HTML 4Page - Texas Instruments ADS1112IDRCRG4 Datasheet HTML 5Page - Texas Instruments ADS1112IDRCRG4 Datasheet HTML 6Page - Texas Instruments ADS1112IDRCRG4 Datasheet HTML 7Page - Texas Instruments ADS1112IDRCRG4 Datasheet HTML 8Page - Texas Instruments ADS1112IDRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ADS1112
SBAS282D − JUNE 2003 − REVISED MARCH 2004
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
VDD to GND
−0.3V to +6V
Input Current
100mA, Momentary
Input Current
10mA, Continuous
Analog Inputs, A0, A1, Voltage to GND
−0.3V to VDD + 0.3V
SDA, SCL Voltage to GND
−0.5V to 6V
Maximum Junction Temperature
+150
°C
Operating Temperature Range
−40
°C to +125°C
Storage Temperature Range
−60
°C to +150°C
Lead Temperature (soldering, 10s)
+300
°C
(1) Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to
absolute maximum conditions for extended periods may affect
device reliability.
This integrated circuit can be damaged by ESD.
Texas Instruments recommends that all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING NUMBER
TRANSPORT MEDIA,
QUANTITY
ADS1112
MSOP-10
DGS
−40
°C to +85°C
BHU
ADS1112IDGST
Tape and Reel, 250
ADS1112
MSOP-10
DGS
−40
°C to +85°C
BHU
ADS1112IDGSR
Tape and Reel, 2500
ADS1112
SON-10
DRC
−40
°C to +85°C
BHV
ADS1112IDRCT
Tape and Reel, 250
ADS1112
SON-10
DRC
−40
°C to +85°C
BHV
ADS1112IDRCR
Tape and Reel, 3000
(1) For the most current specification and package information, refer to our web site at www.ti.com.
Top View
MSOP-10
Top View
SON-10
Terminal Functions
TERMINAL
NAME
NO.
DESCRIPTION
AIN0
1
Differential Channel 1; Positive Input
Single
-ended Channel 1 Input
AIN1
2
Differential Channel 1; Negative Input
Single
-ended Channel 2 Input
GND
3
Ground
AIN2
4
Differential Channel 2; Positive Input
Single
-ended Channel 3 Input
AIN3
5
Differential Channel 2; Negative Input
Single
-ended Common Input
VDD
6
Power Supply: 2.7V to 5.5V
SDA
7
Serial Data: Transmits and receives
data
SCL
8
Serial Clock Input: Clocks output
data on SDA
A0
9
I2C Slave Address Select
A1
10
I2C Slave Address Select


Similar Part No. - ADS1112IDRCRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1112IDRCR BURR-BROWN-ADS1112IDRCR Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
More results

Similar Description - ADS1112IDRCRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_14 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
logo
NXP Semiconductors
TDA8706 PHILIPS-TDA8706 Datasheet
76Kb / 16P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Aug 20
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
logo
Microchip Technology
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com