Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1110A7IDBVTG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1110A7IDBVTG4
Description  16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1110A7IDBVTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1110A7IDBVTG4 Datasheet HTML 4Page - Texas Instruments ADS1110A7IDBVTG4 Datasheet HTML 5Page - Texas Instruments ADS1110A7IDBVTG4 Datasheet HTML 6Page - Texas Instruments ADS1110A7IDBVTG4 Datasheet HTML 7Page - Texas Instruments ADS1110A7IDBVTG4 Datasheet HTML 8Page - Texas Instruments ADS1110A7IDBVTG4 Datasheet HTML 9Page - Texas Instruments ADS1110A7IDBVTG4 Datasheet HTML 10Page - Texas Instruments ADS1110A7IDBVTG4 Datasheet HTML 11Page - Texas Instruments ADS1110A7IDBVTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADS1110
SBAS276A − MARCH 2003 − REVISED NOVEMBER 2003
www.ti.com
8
USING THE ADS1110
OPERATING MODES
The ADS1110 operates in one of two modes: continuous
conversion or single conversion.
In continuous conversion mode, the ADS1110 continuous-
ly performs conversions. Once a conversion has been
completed, the ADS1110 places the result in the output
register and immediately begins another conversion.
In single conversion mode, the ADS1110 waits until the
ST/DRDY bit in the conversion register is set to 1. When
this happens, the ADS1110 powers up and performs a
single conversion. After the conversion completes, the
ADS1110 places the result in the output register, resets the
ST/DRDY bit to 0, and powers down. Writing a 1 to
ST/DRDY while a conversion is in progress has no effect.
When switched from continuous conversion mode to
single conversion mode, the ADS1110 completes the
current conversion, resets the ST/DRDY bit to 0, and
powers down.
RESET AND POWER−UP
When the ADS1110 powers up, it automatically performs
a reset. As part of the reset, the ADS1110 sets all of the bits
in the configuration register to their default settings.
The ADS1110 responds to the I2C General Call Reset
command. When the ADS1110 receives a General Call
Reset, it performs an internal reset, exactly as though it
had just been powered on.
I2C INTERFACE
The
ADS1110
communicates
through
an
I2C
(inter-integrated circuit) interface. I2C is a two-wire
open-drain interface supporting multiple devices and
masters on a single bus. Devices on the I2C bus only drive
the bus lines LOW by connecting them to ground; they
never drive the bus lines HIGH. Instead, the bus wires are
pulled HIGH by pull-up resistors, so the bus wires are
HIGH when no device is driving them LOW. This way, two
devices cannot conflict; if two devices drive the bus
simultaneously, there is no driver contention.
Communication on the I2C bus always takes place
between two devices, one acting as the master and the
other acting as the slave. Both masters and slaves can
read and write, but slaves can only do so under the
direction of the master. Some I2C devices can act as
masters or slaves, but the ADS1110 can only act as a slave
device.
An I2C bus consists of two lines, SDA and SCL. SDA
carries data; SCL provides the clock. All data is
transmitted across the I2C bus in groups of eight bits. To
send a bit on the I2C bus, the SDA line is driven to the
appropriate level while SCL is LOW (a LOW on SDA
indicates the bit is zero; a HIGH indicates the bit is one).
Once the SDA line has settled, the SCL line is brought
HIGH, then LOW. This pulse on SCL clocks the SDA bit
into the receiver’s shift register.
The I2C bus is bidirectional: the SDA line is used both for
transmitting and receiving data. When a master reads from
a slave, the slave drives the data line; when a master
sends to a slave, the master drives the data line. The
master always drives the clock line. The ADS1110 never
drives SCL, because it cannot act as a master. On the
ADS1110, SCL is an input only.
Most of the time the bus is idle, no communication is taking
place, and both lines are HIGH. When communication is
taking place, the bus is active. Only master devices can
start a communication. They do this by causing a START
condition on the bus. Normally, the data line is only allowed
to change state while the clock line is LOW. If the data line
changes state while the clock line is HIGH, it is either a
START condition or its counterpart, a STOP condition. A
START condition is when the clock line is HIGH and the
data line goes from HIGH to LOW. A STOP condition is
when the clock line is HIGH and the data line goes from
LOW to HIGH.
After the master issues a START condition, it sends a byte
that indicates which slave device it wants to communicate
with. This byte is called the address byte. Each device on
an I2C bus has a unique 7-bit address to which it responds.
(Slaves can also have 10-bit addresses; see the I2C
specification for details.) The master sends an address in
the address byte, together with a bit that indicates whether
it wishes to read from or write to the slave device.
Every byte transmitted on the I2C bus, whether it is
address or data, is acknowledged with an acknowledge
bit. When a master has finished sending a byte (eight data
bits) to a slave, it stops driving SDA and waits for the slave
to acknowledge the byte. The slave acknowledges the
byte by pulling SDA LOW. The master then sends a clock
pulse to clock the acknowledge bit. Similarly, when a
master has finished reading a byte, it pulls SDA LOW to
acknowledge this to the slave. It then sends a clock pulse
to clock the bit. (Remember that the master always drives
the clock line.)
A not-acknowledge is performed by simply leaving SDA
HIGH during an acknowledge cycle. If a device is not
present on the bus, and the master attempts to address it,
it will receive a not−acknowledge because no device is
present at that address to pull the line LOW.


Similar Part No. - ADS1110A7IDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110A7IDBVTG4 TI1-ADS1110A7IDBVTG4 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
More results

Similar Description - ADS1110A7IDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com