Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1000A1IDBVRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS1000A1IDBVRG4
Description  LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1000A1IDBVRG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1000A1IDBVRG4 Datasheet HTML 1Page - Texas Instruments ADS1000A1IDBVRG4 Datasheet HTML 2Page - Texas Instruments ADS1000A1IDBVRG4 Datasheet HTML 3Page - Texas Instruments ADS1000A1IDBVRG4 Datasheet HTML 4Page - Texas Instruments ADS1000A1IDBVRG4 Datasheet HTML 5Page - Texas Instruments ADS1000A1IDBVRG4 Datasheet HTML 6Page - Texas Instruments ADS1000A1IDBVRG4 Datasheet HTML 7Page - Texas Instruments ADS1000A1IDBVRG4 Datasheet HTML 8Page - Texas Instruments ADS1000A1IDBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
250
225
200
175
150
125
100
75
50
10
100
1k
10k
I2C Bus Frequency (kHz)
25
_C
−40_C
125
_C
120
100
80
60
40
−60 −40 −20
0
20
40
60
80
100
120
140
Temperature (
_C)
V
DD = 5V
V
DD = 2.7V
PGA = 8
PGA = 4
PGA = 2
PGA = 1
2.0
1.0
0.0
1.0
2.0
-
-
-40
-20
0
20
40
60
80
100
120
140
-60
Temperature(°C)
PGA=8
PGA=4
PGA=1
PGA=2
0.04
0.03
0.02
0.01
0.00
0.01
0.02
0.03
0.04
-
-
-
-
-40
-20
0
20
40
60
80
100
120
140
-60
Temperature(°C)
V
DD = 2.7V
V
DD = 5V
160
144
128
112
96
−60 −40 −20
0
20
40
60
80
100
120
140
Temperature (
_C)
ADS1000
SBAS357A – SEPTEMBER 2006 – REVISED OCTOBER 2007
At TA = 25°C and VDD = 5V, unless otherwise indicated.
SUPPLY CURRENT vs TEMPERATURE
SUPPLY CURRENT vs I2C BUS FREQUENCY
Figure 1.
Figure 2.
OFFSET ERROR vs TEMPERATURE
GAIN ERROR vs TEMPERATURE
Figure 3.
Figure 4.
DATA RATE vs TEMPERATURE
Figure 5.
4
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1000


Similar Part No. - ADS1000A1IDBVRG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000A1IDBVRG4 AD-ADS1000A1IDBVRG4 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results

Similar Description - ADS1000A1IDBVRG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com