Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH76806FVM Datasheet(PDF) 1 Page - Rohm

Part # BH76806FVM
Description  Output Capacitor-less Video Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76806FVM Datasheet(HTML) 1 Page - Rohm

  BH76806FVM Datasheet HTML 1Page - Rohm BH76806FVM Datasheet HTML 2Page - Rohm BH76806FVM Datasheet HTML 3Page - Rohm BH76806FVM Datasheet HTML 4Page - Rohm BH76806FVM Datasheet HTML 5Page - Rohm BH76806FVM Datasheet HTML 6Page - Rohm BH76806FVM Datasheet HTML 7Page - Rohm BH76806FVM Datasheet HTML 8Page - Rohm BH76806FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
www.rohm.com
2014.08 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Composite Video Amplifier
Output Capacitor-less
Video Drivers
BH76806FVM, BH76809FVM, BH76812FVM, BH76816FVM
●Description
The BH768xxFVM series video drivers are the optimum solution for high density integration systems such as, digital still
cameras, mobile phones, and portable video devices. A built-in charge pump circuit eliminates the need for a large output
coupling capacitor. Features include: a built-in LPF, low-voltage (2.5 V) operation, and 0 µA current consumption during
standby mode.
●Features
1)
Select from four video driver amp gain settings: 6 dB, 9 dB, 12 dB, and 16.5 dB
2)
Large-output video driver with maximum output voltage of 5.2 VP-P
Supports wide and low-voltage operation range.
3)
No output coupling capacitor is needed, which makes for a more compact design
4)
Built-in standby function sets circuit current to 0 µA (typ.) during standby mode
5)
Clear image reproduction by on-chip 8-order 4.5-MHz LPF (Low Pass Filter)
6)
Bias input method is used to support chroma, video, and RGB signals.
7)
MSOP8 compact package
●Applications
Mobile telephones, DSCs (digital still cameras), DVCs (digital video cameras), portable game systems,
portable media players, etc.
●Line up matrix
Part No.
Video driver amp gain
Recommended input level
BH76806FVM
6dB
1 VP-P
BH76809FVM
9dB
0.7 VP-P
BH76812FVM
12dB
0.5 VP-P
BH76816FVM
16.5dB
0.3 VP-P
●Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
3.55
V
Power dissipation
Pd
0.47
W
Operating temperature range
Topr
-40 to +85
Storage temperature range
Tstg
-55 to +125
* Reduce by 4.7 mW/
C over 25C, when mounted on a 70mm×70mm×1.6mm PCB board.
No.14064EBT02


Similar Part No. - BH76806FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76806FVM ROHM-BH76806FVM Datasheet
142Kb / 6P
   Low voltage operation video driver with LPF
BH76806FVM ROHM-BH76806FVM Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
More results

Similar Description - BH76806FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76906GU ROHM-BH76906GU_09 Datasheet
520Kb / 17P
   Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
New Japan Radio
NJM2559 NJRC-NJM2559 Datasheet
698Kb / 10P
   Output Coupling Capacitor-less Video Amplifier with Power Supply
NJU71031 NJRC-NJU71031 Datasheet
242Kb / 8P
   OUTPUT COUPLING CAPACITOR-LESS LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com