Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRC2518T4R7M Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # BRC2518T4R7M
Description  WIRE-WOUND CHIP POWER INDUCTORS(BR SERIES)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BRC2518T4R7M Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  BRC2518T4R7M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc BRC2518T4R7M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc BRC2518T4R7M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc BRC2518T4R7M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc BRC2518T4R7M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc BRC2518T4R7M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc BRC2518T4R7M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc BRC2518T4R7M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BRC2518T4R7M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
55
PARTS NUMBER
3225(1210)TYPE
Saturation current
Idc1
Temperature rise current
Idc2
BR L3225TR27M
RoHS
0.27
±20%
390
0.022
4,500
2,850
7.96
BR L3225TR36M
RoHS
0.36
±20%
350
0.025
4,300
2,750
7.96
BR L3225TR51M
RoHS
0.51
±20%
270
0.029
3,600
2,550
7.96
Saturation current
Idc1
Temperature rise current
Idc2
BR L3225T1R0M
RoHS
1.0
±20%
220
0.043
2,400
2,200
0.1
BR L3225T1R5M
RoHS
1.5
±20%
170
0.045
2,200
1,750
0.1
BR L3225T2R2M
RoHS
2.2
±20%
150
0.065
1,850
1,600
0.1
BR L3225T3R3M
RoHS
3.3
±20%
140
0.120
1,450
1,200
0.1
BR L3225T4R7M
RoHS
4.7
±20%
120
0.180
1,300
1,000
0.1
BR L3225T6R8M
RoHS
6.8
±20%
90
0.270
1,050
770
0.1
BR L3225T100[]
RoHS
10
±10%,±20%
70
0.350
900
700
0.1
BR L3225T150[]
RoHS
15
±10%,±20%
20
0.570
700
530
0.1
BR L3225T220[]
RoHS
22
±10%,±20%
13
0.690
550
470
0.1
BR L3225T330[]
RoHS
33
±10%,±20%
9
0.840
470
420
0.1
BR L3225T470[]
RoHS
47
±10%,±20%
7
1.00
420
390
0.1
BR L3225T680[]
RoHS
68
±10%,±20%
6
1.40
330
300
0.1
BR L3225T101[]
RoHS
100
±10%,±20%
5
2.50
270
250
0.1
・ [] Please specify the inductance tolerance code. (M or K)
※)The saturation current value (Idc1) is the DC current value having inductance decrease down to 30%. (at 20℃)
※)The temperature rise current value (Idc2) is the DC current value having temperature increase up to 40℃. (at 20℃)
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Rated current ※) [mA]
Measuring
frequency[MHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[MHz]
i_wound_BR_e-E02R01


Similar Part No. - BRC2518T4R7M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRC2518T4R7M TAIYO-YUDEN-BRC2518T4R7M Datasheet
913Kb / 19P
   WOUND CHIP POWER INDUCTOR
BRC2518T4R7M TAIYO-YUDEN-BRC2518T4R7M Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRC2518T4R7M TAIYO-YUDEN-BRC2518T4R7M Datasheet
355Kb / 3P
   Wire-wound Ferrite Power Inductors LSQPB series for General Electronic Equipment
2021/8/3
More results

Similar Description - BRC2518T4R7M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRL3225T1R0M TAIYO-YUDEN-BRL3225T1R0M Datasheet
133Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T2R2M TAIYO-YUDEN-BRL1608T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T4R7M TAIYO-YUDEN-BRL3225T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2515T4R7MD TAIYO-YUDEN-BRL2515T4R7MD Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2012T4R7M TAIYO-YUDEN-BRL2012T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T2R2M TAIYO-YUDEN-BRL3225T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T100M TAIYO-YUDEN-BRL1608T100M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC1608TR56M TAIYO-YUDEN-BRC1608TR56M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC2518T1R5M TAIYO-YUDEN-BRC2518T1R5M Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRL3225T100M TAIYO-YUDEN-BRL3225T100M_19 Datasheet
276Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRL]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com