Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRC2518T101 Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # BRC2518T101
Description  WIRE-WOUND CHIP POWER INDUCTORS(BR SERIES)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BRC2518T101 Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  BRC2518T101 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc BRC2518T101 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc BRC2518T101 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc BRC2518T101 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc BRC2518T101 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc BRC2518T101 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc BRC2518T101 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc BRC2518T101 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BRC2518T101 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
52
WIRE-WOUND CHIP POWER INDUCTORS(BR SERIES)
REFLOW
i_wound_BR_e-E02R01
WIRE-WOUND CHIP POWER INDUCTORS(BR SERIES)
PARTS NUMBER
*Operating Temp. : -40~+105℃(Including self-generated heat)
B
R
△ L
2
5
1
8
T
2
R
2
M
△ △ △
△=Blank space
①Series name
Code
Series name
BR
Wire-Wound chip power inductor
②Characteristics
Code
Characteristics
FL
Low profile
△L
HL
△C
High current
③Dimensions(L×W)
Code
Type(inch)
Dimensions
(L×W)[mm]
1608
1608(0603)
1.6×0.8
2012
2012(0805)
2.0×1.25
2016
2016(0806)
2.0×1.6
2515
2515(1006)
2.5×1.5
2518
2518(1007)
2.5×1.8
3225
3225(1210)
3.2×2.5
④Packaging
Code
Packaging
T
Taping
⑤Nominal inductance
Code
(example)
Nominal inductance[μH]
R20
0.2
1R0
1.0
100
10
101
100
※R=Decimal point
⑥Inductance tolerance
Code
Inductance tolerance
K
±10%
M
±20%
⑦Internal code
STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY
Recommended Land Patterns
Surface Mounting
・Mounting and soldering conditions should be checked beforehand.
・Applicable soldering process to these products is reflow soldering only.
Type
A
B
C
1608
0.55
0.70
1.00
2012
0.60
1.00
1.45
2016
0.60
1.00
1.80
2125
0.60
1.50
1.70
2518
0.60
1.50
2.00
3225
0.85
1.70
2.70
Unit:mm
Type
L
W
T
e
Standard quantity [pcs]
Paper tape
Embossed tape
BR L1608
1.6±0.2
(0.063±0.008)
0.8±0.2
(0.031±0.008)
0.7 max
(0.028 max)
0.45±0.15
(0.016±0.006)
3000
BR C1608
1.6±0.2
(0.063±0.008)
0.8±0.2
(0.031±0.008)
0.8±0.2
(0.031±0.008)
0.45±0.15
(0.016±0.006)
3000
BR L2012
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
1.0 max
(0.040 max)
0.5±0.2
(0.020±0.008)
3000
BR C2012
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
1.4 max
(0.056 max)
0.5±0.2
(0.020±0.008)
2000
BR C2016
2.0±0.2
(0.079±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.2
(0.020±0.008)
2000
BR L2515
2.5±0.2
(0.098±0.008)
1.5±0.2
(0.060±0.008)
1.2 max
(0.048 max)
0.5±0.2
(0.020±0.008)
2000
BRFL2518
2.5±0.2
(0.098±0.008)
1.8±0.2
(0.071±0.008)
1.0 max
(0.040 max)
0.5±0.2
(0.020±0.008)
3000
BR L2518
2.5±0.2
(0.098±0.008)
1.8±0.2
(0.071±0.008)
1.2 max
(0.048 max)
0.5±0.2
(0.020±0.008)
3000
BRHL2518
2.5±0.2
(0.098±0.008)
1.8±0.2
(0.071±0.008)
1.5 max
(0.060 max)
0.5±0.2
(0.020±0.008)
2000
BR C2518
2.5±0.2
(0.098±0.008)
1.8±0.2
(0.071±0.008)
1.8±0.2
(0.071±0.008)
0.5±0.2
(0.020±0.008)
2000
BR L3225
3.2±0.2
(0.126±0.008)
2.5±0.2
(0.098±0.008)
1.7 max
(0.068 max)
0.75±0.2
(0.03±0.008)
2000
Unit:mm(inch)


Similar Part No. - BRC2518T101

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRC2518T101K TAIYO-YUDEN-BRC2518T101K Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRC2518T101K TAIYO-YUDEN-BRC2518T101K Datasheet
276Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRC2518T101K TAIYO-YUDEN-BRC2518T101K Datasheet
355Kb / 3P
   Wire-wound Ferrite Power Inductors LSQPB series for General Electronic Equipment
2021/8/3
BRC2518T101K TAIYO-YUDEN-BRC2518T101K_19 Datasheet
276Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRC2518T101M TAIYO-YUDEN-BRC2518T101M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
More results

Similar Description - BRC2518T101

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRL3225T1R0M TAIYO-YUDEN-BRL3225T1R0M Datasheet
133Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T2R2M TAIYO-YUDEN-BRL1608T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T4R7M TAIYO-YUDEN-BRL3225T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2515T4R7MD TAIYO-YUDEN-BRL2515T4R7MD Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2012T4R7M TAIYO-YUDEN-BRL2012T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T2R2M TAIYO-YUDEN-BRL3225T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T100M TAIYO-YUDEN-BRL1608T100M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC1608TR56M TAIYO-YUDEN-BRC1608TR56M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC2518T1R5M TAIYO-YUDEN-BRC2518T1R5M Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRL3225T100M TAIYO-YUDEN-BRL3225T100M_19 Datasheet
276Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRL]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com