Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOXSDLF0368R-20 Datasheet(PDF) 1 Page - Fox Electronics

Part # FOXSDLF0368R-20
Description  Resistance Weld SMD Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOXSDLF0368R-20 Datasheet(HTML) 1 Page - Fox Electronics

  FOXSDLF0368R-20 Datasheet HTML 1Page - Fox Electronics FOXSDLF0368R-20 Datasheet HTML 2Page - Fox Electronics FOXSDLF0368R-20 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
FEATURES
• Stock Standard (see page 2)
• Fundamental to 40 MHz
• Tape and Reel (1,000 pcs. STD)
OPTIONS
• Tolerances to 10 PPM
• Stabilities to 5 PPM
• Temperatures to -55ºC ~ +125ºC
• 3.2mm Height Max (HC49SSDLF)
3.200 ~ 80.000
HC49SDLF
Model Number
Part Number
278LF-Frequency-xxxxx
• PART NUMBER
Frequency Range (MHz)
Resistance Weld SMD Crystal
Rev. 5/5/2014
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49SDLF
Page 1 of 3
All dimensions are in millimeters.
TERMINATION FINISH: Sn/3.0Ag/0.5Cu
13.9 Max
11.7 Max
10.3 Max
5.0 Max
2.0±0.1
4.0±0.1
Recommended
HC49SD Solder Pad Layout
4.5 Max
3.8 Max
0.75±0.35
15.0±0.1
3.200 ~ 80.000 MHz
±50 PPM 1,3
±50 PPM 1
-20ºC ~ +70ºC 2
-40ºC ~ +125ºC
7pF
10 pF ~ Series
(Customer Specified)
100uW
±3 PPM
260ºC / 10 Seconds
1
Sn/Ag/Cu
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance (Co)
Load Capacitance
(CL)
Drive Level
Aging per year
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish:
• STANDARD SPECIFICATIONS1
PARAMETERS
MAX (unless otherwise noted)
1
Other tolerances, stabilities available. Consult Fox Customer Service for specific requirements.
2
Operating temperature ranges to -55ºC ~ +125ºC available.
3
Crystal has a ±30ppm tolerance specification for all standard part numbers. These part numbers
are listed on page 2 of this datasheet.
Note: Dimensional drawing is for reference to critical specifications defined by size measure¬ments.
Certain non-critical visual attributes, such as side castellations, etc. may vary.
All specifications subject to change without notice.
3.200 ~ 3.500
3.500+ ~ 4.000
4.000+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 7.000
7.000+ ~ 9.000
9.000+ ~ 13.000
13.000+ ~ 20.000
20.000+ ~ 40.000
27.000 ~ 70.000
70.000+ ~ 80.000
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
3rd OT
300
200
150
120
100
80
60
40
30
100
80
Operating Mode
Max ESR Ω
Frequency Range
(MHz)


Similar Part No. - FOXSDLF0368R-20

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOXSDLF0368-20 FOX-FOXSDLF0368-20 Datasheet
449Kb / 2P
   Resistance Weld SMD Crystal
More results

Similar Description - FOXSDLF0368R-20

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SDLF FOX-HC49SDLF Datasheet
175Kb / 2P
   Resistance Weld SMD Crystal
HC49SDLF FOX-HC49SDLF_14 Datasheet
175Kb / 3P
   Resistance Weld SMD Crystal
HC49SSD FOX-HC49SSD Datasheet
71Kb / 1P
   RESISTANCE WELD SMD CRYSTAL
C4SD FOX-C4SD Datasheet
186Kb / 2P
   Resistance Weld SMD Crystal
logo
Renesas Technology Corp
278-25-336 RENESAS-278-25-336 Datasheet
267Kb / 3P
   Resistance Weld SMD Crystal
2019
logo
Fox Electronics
HC49SD FOX-HC49SD Datasheet
70Kb / 1P
   RESISTANCE WELD SMD CRYSTAL
HC49SSDLF FOX-HC49SSDLF Datasheet
176Kb / 2P
   SMD Resistance Weld Crystal
HC49SDLF FOX-HC49SDLF_13 Datasheet
449Kb / 2P
   Resistance Weld SMD Crystal
logo
List of Unclassifed Man...
HC49SD ETC2-HC49SD Datasheet
69Kb / 1P
   RESISTANCE WELD SMD CRYSTAL
logo
Fox Electronics
C9SD FOX-C9SD Datasheet
184Kb / 2P
   Resistance Weld SMD Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com