Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOXSDLF115R-20 Datasheet(PDF) 3 Page - Fox Electronics

Part # FOXSDLF115R-20
Description  Resistance Weld SMD Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOXSDLF115R-20 Datasheet(HTML) 3 Page - Fox Electronics

  FOXSDLF115R-20 Datasheet HTML 1Page - Fox Electronics FOXSDLF115R-20 Datasheet HTML 2Page - Fox Electronics FOXSDLF115R-20 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
• HC49SDLF Standard Crystals
All specifications subject to change without notice.
Tolerance
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
Stability
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Temp Range
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
Part Number
FOXSDLF/036S
FOXSDLF/0368-20
FOXSDLF/040
FOXSDLF/041
FOXSDLF/049-20
FOXSDLF/060-20
FOXSDLF/073-20
FOXSDLF/080-20
FOXSDLF/081-20
FOXSDLF/100-20
FOXSDLF/115-20
FOXSDLF/120-20
FOXSDLF/128-20
FOXSDLF/143-20
FOXSDLF/147-20
FOXSDLF/160-20
FOXSDLF/200-20
FOXSDLF/221-20
FOXSDLF/240F-20
FOXSDLF/245F-20
FOXSDLF/250F-20
FOXSDLF/0368R-20
FOXSDLF/040R
FOXSDLF/060R-20
FOXSDLF/073R-20
FOXSDLF/080R-20
FOXSDLF/100R-20
FOXSDLF/115R-20
FOXSDLF/120R-20
FOXSDLF/143R-20
FOXSDLF/160R-20
FOXSDLF/200R-20
FOXSDLF/240FR-20
FOXSDLF/245FR-20
FOXSDLF/250FR-20
Frequency
3.579545
3.686400
4.000000
4.194304
4.915200
6.000000
7.372800
8.000000
8.192000
10.000000
11.059200
12.000000
12.288000
14.318180
14.745600
16.000000
20.000000
22.118400
24.000000
24.576000
25.000000
3.686400
4.000000
6.000000
7.372800
8.000000
10.000000
11.059200
12.000000
14.318180
16.000000
20.000000
24.000000
24.576000
25.000000
CL
18pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
Resistance Weld SMD Crystal
Rev. 5/5/2014
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49SDLF
Page 3 of 3


Similar Part No. - FOXSDLF115R-20

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOXSDLF115-20 FOX-FOXSDLF115-20 Datasheet
449Kb / 2P
   Resistance Weld SMD Crystal
More results

Similar Description - FOXSDLF115R-20

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SDLF FOX-HC49SDLF Datasheet
175Kb / 2P
   Resistance Weld SMD Crystal
HC49SDLF FOX-HC49SDLF_14 Datasheet
175Kb / 3P
   Resistance Weld SMD Crystal
HC49SSD FOX-HC49SSD Datasheet
71Kb / 1P
   RESISTANCE WELD SMD CRYSTAL
C4SD FOX-C4SD Datasheet
186Kb / 2P
   Resistance Weld SMD Crystal
logo
Renesas Technology Corp
278-25-336 RENESAS-278-25-336 Datasheet
267Kb / 3P
   Resistance Weld SMD Crystal
2019
logo
Fox Electronics
HC49SD FOX-HC49SD Datasheet
70Kb / 1P
   RESISTANCE WELD SMD CRYSTAL
HC49SSDLF FOX-HC49SSDLF Datasheet
176Kb / 2P
   SMD Resistance Weld Crystal
HC49SDLF FOX-HC49SDLF_13 Datasheet
449Kb / 2P
   Resistance Weld SMD Crystal
logo
List of Unclassifed Man...
HC49SD ETC2-HC49SD Datasheet
69Kb / 1P
   RESISTANCE WELD SMD CRYSTAL
logo
Fox Electronics
C9SD FOX-C9SD Datasheet
184Kb / 2P
   Resistance Weld SMD Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com