Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A22362DRCRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TS5A22362DRCRG4
Description  0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22362DRCRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TS5A22362DRCRG4 Datasheet HTML 1Page - Texas Instruments TS5A22362DRCRG4 Datasheet HTML 2Page - Texas Instruments TS5A22362DRCRG4 Datasheet HTML 3Page - Texas Instruments TS5A22362DRCRG4 Datasheet HTML 4Page - Texas Instruments TS5A22362DRCRG4 Datasheet HTML 5Page - Texas Instruments TS5A22362DRCRG4 Datasheet HTML 6Page - Texas Instruments TS5A22362DRCRG4 Datasheet HTML 7Page - Texas Instruments TS5A22362DRCRG4 Datasheet HTML 8Page - Texas Instruments TS5A22362DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TS5A22362, TS5A22364
SCDS261E – MARCH 2008 – REVISED MAY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION
The TS5A22362 and TS5A22364 are single-pole double-throw (SPDT) analog switches designed to operate from
2.3 V to 5.5 V. The devices feature negative signal capability that allows signals below ground to pass through
the switch without distortion. Additionally, the TS5A22364 includes an internal shunt switch, which automatically
discharges any capacitance at the NC or NO terminals when they are unconnected to COM. This reduces the
audible click/pop noise when switching between two sources. The break-before-make feature prevents signal
distortion during the transferring of a signal from one path to another. Low ON-state resistance, excellent
channel-to-channel ON-state resistance matching, and minimal total harmonic distortion (THD) performance are
ideal for audio applications. The 3x3 mm DRC package is also available as a non-magnetic package for medical
imaging application.
ORDERING INFORMATION
For package and ordering information, see the Package Option Addendum at the end of this document.
SUMMARY OF CHARACTERISTICS
V+ = 2.7 V, TA = 25°C
2:1 Multiplexer/Demultiplexer
Configuration
(2 × SPDT)
Number of channels
2
ON-state resistance (ron)
0.65
ON-state resistance match (
Δron)
0.023
ON-state resistance flatness (ron(flat))
0.18
Turn-on/turn-off time (tON/tOFF)
80 ns/70 ns
Break-before-make time (tBBM)
7 ns
Charge injection (QC)
150 pC
Bandwidth (BW)
17 MHz
OFF isolation (OISO)
–66 dB at 100 kHz
Crosstalk (XTALK)
–75 dB at 100 kHz
Total harmonic distortion (THD)
0.01%
Leakage current (INO(OFF), INC(OFF))
50 nA
10-pin WCSP (YZP),
Package options
10-pin VSSOP (DGS),
and 10-pin SON (DRC)
FUNCTION TABLE
NC TO COM,
NO TO COM,
IN
COM TO NC
COM TO NO
L
ON
OFF
H
OFF
ON
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: TS5A22362 TS5A22364


Similar Part No. - TS5A22362DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362DRCRG4 TI-TS5A22362DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DRCRG4 TI-TS5A22362DRCRG4 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DRCRG4 TI1-TS5A22362DRCRG4 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

Similar Description - TS5A22362DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com