Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB312B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMB312B
Description  Self-contained AC-operated Convergent Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMB312B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMB312B Datasheet HTML 1Page - List of Unclassifed Manufacturers SMB312B Datasheet HTML 2Page - List of Unclassifed Manufacturers SMB312B Datasheet HTML 3Page - List of Unclassifed Manufacturers SMB312B Datasheet HTML 4Page - List of Unclassifed Manufacturers SMB312B Datasheet HTML 5Page - List of Unclassifed Manufacturers SMB312B Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB312B Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB312B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MINI-BEAM
® Sensors SM2A312CV and SM2A312CV2
page
2
MINI-BEAM Installation and Alignment
Proper operation of the SM2A312CV or SM2A312CV2 sensor requires that
it be mounted securely and aligned properly. In some applications,
excessive movement or vibration can result in intermittent or false
operation caused by loss of alignment. For best results, final-mount the
sensor in an 18mm-hole by its threaded barrel or use a mounting bracket
(see page 6).
Begin with the sensor at the approximate position where it will be
mounted. With power applied to the circuit and with the sensor set for
“light operate”, direct the sensor’s visible red spot at the object
approximately 16 mm (0.65 in) (for model SM2A312CV) or 43 mm (1.7
in) (for model SM2A312CV2) directly in front of the lens. Move the sensor
very slightly toward or away from the object while observing the red LED
indicator on the back of the sensor. Note the near and far points at which
sensing occurs (the range of distance over which the LED remains lit).
Mount the sensor at a point approximately midway in the range. This
should correspond to the point at which the red sensing spot on the object
appears most sharply defined. Mount the sensor at this position and
distance.
15 Turn
Gain
Adjustment
and Light/Dark
Operate Switch*
Gasketed
Acrylic Cover
Red LED lights when the
sensor's output is conducting
Lo
w Reflectivity
Bac
kgr
ound
Up
Do
wn
Left
Right
SM2A312CV
or
SM2A312CV2
Object
* Note regarding Light/Dark operate switch:
• Turn switch
fully clockwise for light operate (sensor outputs conduct when object is present)
• Turn switch
fully counterclockwise for dark operate (sensor outputs conduct when object is absent)
Distance from Sensor lens to object:
16 mm (0.65 in) for SM2A312CV
43 mm (1.7 in) for SM2A312CV2
CONVERGENT MODE ALIGNMENT
SM2A312CV OR CV2


Similar Part No. - SMB312B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMB312B ETC2-SMB312B Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
logo
Banner Engineering Corp...
SMB312B BANNER-SMB312B Datasheet
1Mb / 13P
   MINI-BEAM SME312 Expert Series
More results

Similar Description - SMB312B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com