Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMB18C
Description  Self-contained AC-operated Convergent Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMB18C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMB18C Datasheet HTML 1Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 2Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 3Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 4Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 5Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
page
3
MINI-BEAM
® Sensors SM2A312CV and SM2A312CV2
VALOX
® is a registered trademark of General Electric Company
MINI-BEAM AC Product Specifications
Certifications
Supply Voltage and Current
24 to 240V ac (50/60 Hz), 250V ac max
Supply Protection Circuitry
Protected against transient voltages
Output Configuration
SPST SCR solid-state relay with either normally closed or normally open contact (light/dark operate
selectable); 2-wire hookup
Output Rating
Minimum load current 5 mA; maximum steady-state load capability 300 mA to 50°C ambient (122°F)
100 mA to 70°C ambient (158°F)
Inrush capability 3 amps for 1 second (non-repetitive); 10 amps for 1 cycle (non-repetitive)
Off-state leakage current less than 1.7 mA rms
On-state voltage drop
≤5 volts at 300 mA load, ≤10 volts at 15 mA load
Output Protection Circuitry
Protected against false pulse on power-up
Output Response Time
4 milliseconds on and off
“OFF” response time specification does not include load response of up to
1/2 ac cycle (8.3 milliseconds).
Response time specification of load should be considered when important.
(NOTE: 300 millisecond delay on power-up.)
Repeatability
1.3 milliseconds; Response time and repeatability specifications are independent of signal strength.
Adjustments
LIGHT/DARK OPERATE select switch, and 15-turn slotted brass screw GAIN (sensitivity) adjustment po-
tentiometer (clutched at both ends of travel). Both controls are located on rear panel of sensor and
protected by a gasketed, clear acrylic cover.
Indicators
Red indicator LED on rear of sensor is “ON” when the load is energized
Construction
Reinforced VALOX
® housing, totally encapsulated, o-ring sealing, acrylic lenses, and stainless steel screws
Environmental Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 12, and 13; IEC IP67
Connections
PVC-jacketed 2-conductor 2 m (6.5ft) or 9 m (30ft) cables, or 3-pin micro-style quick disconnect (QD)
fitting are available. QD cables are ordered separately. See page 5.
Operating Temperature
Temperature: -20° to +70°C (-4° to +158°F)
Maximum Relative Humidity: 90% at 50°C (non-condensing)
Application Notes
i) ac MINI-BEAMs may be destroyed from overload conditions
ii) Use on low voltage requires careful analysis of the load to determine if the leakage current or on-state
voltage of the sensor will interfere with proper operation of the load
iii) The false-pulse protection feature may cause momentary drop-out of the load when the sensor is
wired in series or parallel with mechanical switch contacts


Similar Part No. - SMB18C

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB18C LITEON-SMB18C Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
SMB18C ETC2-SMB18C Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
logo
Shenzhen Luguang Electr...
SMB18C LUGUANG-SMB18C Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Banner Engineering Corp...
SMB18C BANNER-SMB18C Datasheet
357Kb / 10P
   Q45UR Remote Ultrasonic Sensors
logo
Lite-On Technology Corp...
SMB18CA LITEON-SMB18CA Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMB18C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com