Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM72375MMXNOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # SM72375MMXNOPB
Description  SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM72375MMXNOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button SM72375MMXNOPB Datasheet HTML 3Page - Texas Instruments SM72375MMXNOPB Datasheet HTML 4Page - Texas Instruments SM72375MMXNOPB Datasheet HTML 5Page - Texas Instruments SM72375MMXNOPB Datasheet HTML 6Page - Texas Instruments SM72375MMXNOPB Datasheet HTML 7Page - Texas Instruments SM72375MMXNOPB Datasheet HTML 8Page - Texas Instruments SM72375MMXNOPB Datasheet HTML 9Page - Texas Instruments SM72375MMXNOPB Datasheet HTML 10Page - Texas Instruments SM72375MMXNOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
OUTPUT CURRENT (mA)
VS = 5V
125°C
85°C
25°C
-40°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
100
200
400
500
600
OUTPUT CURRENT (mA)
300
125°C
85°C
25°C
-40°C
VS = 2.7V
2
4
6 7
9 10
12 13
15
0
2
6
8
10
12
14
16
18
20
SUPPLY VOLTAGE (V)
4
5
8
11
14
3
125°C
85°C
25°C
-40°C
Pos Input = 0.1V
Neg Input = 0.0V
2
4
6 7
9 10
12 13
15
0
2
6
8
10
12
14
16
18
20
SUPPLY VOLTAGE (V)
4
5
8
11
14
3
125°C
85°C
25°C
-40°C
Pos Input = 0.0V
Neg Input = 0.1V
SM72375
www.ti.com
SNIS155D – NOVEMBER 2010 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
V
+ = 5V, Single Supply, T
A = 25°C unless otherwise specified
Response Time
vs.
Response Time for Overdrive (tPHL)
Capacitive Load
Figure 14.
Figure 15.
Supply Current
Supply Current
vs.
vs.
Supply Voltage (Output High)
Supply Voltage (Output Low)
Figure 16.
Figure 17.
Output Voltage
Output Voltage
vs.
vs.
Output Current (Sinking)
Output Current (Sinking)
Figure 18.
Figure 19.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SM72375


Similar Part No. - SM72375MMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72375MMX TI1-SM72375MMX Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375MMX/NOPB TI1-SM72375MMX/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results

Similar Description - SM72375MMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com