Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1204DWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1204DWR
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204DWR Datasheet(HTML) 4 Page - Texas Instruments

  AMC1204DWR Datasheet HTML 1Page - Texas Instruments AMC1204DWR Datasheet HTML 2Page - Texas Instruments AMC1204DWR Datasheet HTML 3Page - Texas Instruments AMC1204DWR Datasheet HTML 4Page - Texas Instruments AMC1204DWR Datasheet HTML 5Page - Texas Instruments AMC1204DWR Datasheet HTML 6Page - Texas Instruments AMC1204DWR Datasheet HTML 7Page - Texas Instruments AMC1204DWR Datasheet HTML 8Page - Texas Instruments AMC1204DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AMC1204
AMC1204B
SBAS512D – APRIL 2011 – REVISED DECEMBER 2013
www.ti.com
ISOLATION CHARACTERISTICS
PARAMETER
TEST CONDITIONS
AMC1204
AMC1204B
UNIT
Maximum working insulation voltage
VIORM
1200
1200
VPEAK
per IEC
Partial discharge test voltage per
t = 1s (100% production test),
VPD(t)
2250
2250
VPEAK
IEC
partial discharge < 5pC
t = 60s (qualification test)
4000
4250
VPEAK
VIOTM
Transient overvoltage
t = 1s (100% production test)
4800
5100
VPEAK
RS
Isolation resistance
VIO = 500V at TS
> 109
> 109
PD
Pollution degree
2
2
Degrees
ISOLATOR CHARACTERISTICS
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DWV package
8
mm
Shortest terminal to terminal
L(I01)
Minimum air gap (clearance)
distance through air
DW package
7.9
mm
Shortest terminal to terminal
DWV package
8
mm
Minimum external tracking
L(I02)
distance across the package
(creepage)
DW package
7.9
mm
surface
Tracking resistance
CTI
DIN IEC 60112/VDE 0303 part 1
> 400
V
(comparative tracking index)
Minimum internal gap
Distance through the insulation
0.014
mm
(internal clearance)
Input to output, VIO = 500V, all pins on each side of
the barrier tied together to create a two-terminal
> 1012
device, TA < +85°C
RIO
Isolation resistance
Input to output, VIO = 500V,
> 1011
+100°C
≤ TA < TA max
Barrier capacitance input to
CIO
VI = 0.8VPP at 1MHz
1.2
pF
output
CI
Input capacitance to ground
VI = 0.8VPP at 1MHz
3
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of a specific
application. Care should be taken to maintain the creepage and clearance distance of the board design to ensure that the mounting
pads of the isolator on the printed circuit board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal
according to the measurement techniques shown in the Isolation Glossary section. Techniques such as inserting grooves and/or ribs on
the PCB are used to help increase these specifications.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC1204 AMC1204B


Similar Part No. - AMC1204DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204DWR TI1-AMC1204DWR Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204DWR TI1-AMC1204DWR Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204DWR TI1-AMC1204DWR Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
AMC1204DWR TI1-AMC1204DWR Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
More results

Similar Description - AMC1204DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
logo
Texas Instruments
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com