Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC547 Datasheet(PDF) 2 Page - General Semiconductor

Part # BC547
Description  Small Signal Transistors (NPN)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC547 Datasheet(HTML) 2 Page - General Semiconductor

  BC547 Datasheet HTML 1Page - General Semiconductor BC547 Datasheet HTML 2Page - General Semiconductor BC547 Datasheet HTML 3Page - General Semiconductor BC547 Datasheet HTML 4Page - General Semiconductor BC547 Datasheet HTML 5Page - General Semiconductor BC547 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
h-Parameters at VCE = 5 V, IC = 2 mA,
f = 1 kHz,
Small Signal Current Gain
Current Gain Group A
B
C
Input Impedance
Current Gain Group A
B
C
Output Admittance
Current Gain Group A
B
C
Reverse Voltage Transfer Ratio
Current Gain Group A
B
C
hfe
hfe
hfe
hie
hie
hie
hoe
hoe
hoe
hre
hre
hre
1.6
3.2
6
220
330
600
2.7
4.5
8.7
18
30
60
1.5 · 10–4
2 · 10–4
3 · 10–4
4.5
8.5
15
30
60
110
k
k
k
µS
µS
µS
DC Current Gain
at VCE = 5 V, IC = 10µA
Current Gain Group A
B
C
at VCE = 5 V, IC = 2 mA
Current Gain Group A
B
C
at VCE = 5 V, IC = 100 mA
Current Gain Group A
B
C
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
110
200
420
90
150
270
180
290
500
120
200
400
220
450
800
Thermal Resistance Junction to Ambient Air
RthJA
2501)
K/W
Collector Saturation Voltage
at IC = 10 mA, IB = 0.5 mA
at IC = 100 mA, IB = 5 mA
VCEsat
VCEsat
80
200
200
600
mV
mV
Base Saturation Voltage
at IC = 10 mA, IB = 0.5 mA
at IC = 100 mA, IB = 5 mA
VBEsat
VBEsat
700
900
mV
mV
Base-Emitter Voltage
at VCE = 5 V, IC = 2 mA
at VCE = 5 V, IC = 10 mA
VBE
VBE
580
660
700
720
mV
mV
Collector-Emitter Cutoff Current
at VCE = 80 V
BC546
at VCE = 50 V
BC547
at VCE = 30 V
BC548, BC549
at VCE = 80 V, Tj = 125 °C
BC546
at VCE = 50 V, Tj = 125 °C
BC547
ICES
ICES
ICES
ICES
ICES
0.2
0.2
0.2
15
15
15
4
4
nA
nA
nA
µA
µA
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case
BC546 THRU BC549


Similar Part No. - BC547

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Fairchild Semiconductor
BC547 FAIRCHILD-BC547 Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
ARTSCHIP ELECTRONICS CO...
BC547 ARTSCHIP-BC547 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Weitron Technology
BC547 WEITRON-BC547 Datasheet
1Mb / 5P
   NPN General Purpose Transistor
BC547 WEITRON-BC547 Datasheet
1Mb / 5P
   NPN General Purpose Transistor
More results

Similar Description - BC547

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4124 GE-2N4124 Datasheet
210Kb / 5P
   Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
   Small Signal Transistors (NPN)
2N3904 GE-2N3904 Datasheet
112Kb / 3P
   SMALL SIGNAL TRANSISTORS NPN
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
June 1997
logo
Micro Commercial Compon...
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
   NPN Small Signal Transistors
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
   NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
   NPN Small Signal Transistors
logo
General Semiconductor
MMBT3904 GE-MMBT3904 Datasheet
136Kb / 3P
   Small Signal Transistors (NPN)
MMBT4401 GE-MMBT4401 Datasheet
117Kb / 3P
   SMALL SIGNAL TRANSISTORS (NPN)
MPSA42 GE-MPSA42 Datasheet
38Kb / 2P
   Small Signal Transistors (NPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com