Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8867 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8867
Description  16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8867 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8867 Datasheet HTML 5Page - Texas Instruments ADS8867 Datasheet HTML 6Page - Texas Instruments ADS8867 Datasheet HTML 7Page - Texas Instruments ADS8867 Datasheet HTML 8Page - Texas Instruments ADS8867 Datasheet HTML 9Page - Texas Instruments ADS8867 Datasheet HTML 10Page - Texas Instruments ADS8867 Datasheet HTML 11Page - Texas Instruments ADS8867 Datasheet HTML 12Page - Texas Instruments ADS8867 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
1
2
3
4
5
10
9
8
7
6
REF
AVDD
AINP
AINN
GND
CONVST
DOUT
SCLK
DIN
DVDD
Thermal
PAD
1
2
3
4
5
10
9
8
7
6
REF
AVDD
AINP
AINN
GND
CONVST
DOUT
SCLK
DIN
DVDD
ADS8867
www.ti.com
SBAS615A – MAY 2013 – REVISED DECEMBER 2013
PIN CONFIGURATIONS
DGS PACKAGE
DRC PACKAGE
VSSOP-10
SON-10
(TOP VIEW, Not to Scale)
(TOP VIEW, Not to Scale)
PIN ASSIGNMENTS
PIN
PIN NAME
NUMBER
FUNCTION
DESCRIPTION
AINN
4
Analog input
Inverting analog signal input
AINP
3
Analog input
Noninverting analog signal input
Analog power supply.
AVDD
2
Analog
This pin must be decoupled to GND with a 1-
μF capacitor.
Convert input.
CONVST
6
Digital input
This pin also functions as the CS input in 3-wire interface mode. Refer to the
Description and Timing Characteristics sections for more details.
Serial data input.
The DIN level at the start of a conversion selects the mode of operation (such as CS
DIN
9
Digital input
or daisy-chain mode). This pin also serves as the CS input in 4-wire interface mode.
Refer to the Description and Timing Characteristics sections for more details.
DOUT
7
Digital output
Serial data output
Digital interface power supply.
DVDD
10
Power supply
This pin must be decoupled to GND with a 1-
μF capacitor.
Device ground.
Note that this pin is a common ground pin for both the analog power supply (AVDD)
GND
5
Analog, digital
and digital I/O supply (DVDD). The reference return line is also internally connected to
this pin.
Positive reference input.
REF
1
Analog
This pin must be decoupled with a 10-
μF or larger capacitor.
Clock input for serial interface.
SCLK
8
Digital input
Data output (on DOUT) are synchronized with this clock.
Exposed thermal pad.
Thermal pad
Thermal pad
Texas Instruments recommends connecting the thermal pad to the printed circuit
board (PCB) ground.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS8867


Similar Part No. - ADS8867

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8867 TI-ADS8867 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8867

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com