Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8883IDRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8883IDRCT
Description  18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8883IDRCT Datasheet(HTML) 3 Page - Texas Instruments

  ADS8883IDRCT Datasheet HTML 1Page - Texas Instruments ADS8883IDRCT Datasheet HTML 2Page - Texas Instruments ADS8883IDRCT Datasheet HTML 3Page - Texas Instruments ADS8883IDRCT Datasheet HTML 4Page - Texas Instruments ADS8883IDRCT Datasheet HTML 5Page - Texas Instruments ADS8883IDRCT Datasheet HTML 6Page - Texas Instruments ADS8883IDRCT Datasheet HTML 7Page - Texas Instruments ADS8883IDRCT Datasheet HTML 8Page - Texas Instruments ADS8883IDRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
ADS8883
www.ti.com
SBAS567A – MAY 2013 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS
All minimum and maximum specifications are at TA = –40°C to +85°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V,
VCM = VREF / 2 V, and fSAMPLE = 680 kSPS, unless otherwise noted.
Typical specifications are at TA = +25°C, AVDD = 3 V, and DVDD = 3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input span(1)(2)
AINP – AINN
–VREF
VREF
V
AINP
–0.1
VREF + 0.1
V
Operating input range(1)(2)
AINN
–0.1
VREF + 0.1
V
VCM
Input common-mode range
0
VREF / 2
VREF
V
CI
Input capacitance
AINP and AINN terminal to GND
59
pF
Input leakage current
During acquisition for dc input
5
nA
SYSTEM PERFORMANCE
Resolution
18
Bits
NMC
No missing codes
18
Bits
DNL
Differential linearity
–0.99
±0.7
1.5
LSB(3)
INL
Integral linearity(4)
–3
±1.5
3
LSB(3)
EO
Offset error(5)
–4
±1
4
mV
Offset error drift with temperature
±1.5
µV/°C
EG
Gain error
–0.01
±0.005
0.01
%FSR
Gain error drift with temperature
±0.15
ppm/°C
CMRR
Common-mode rejection ratio
With common-mode input signal = 5 VPP at dc
90
100
dB
PSRR
Power-supply rejection ratio
At mid-code
80
dB
Transition noise
0.7
LSB
SAMPLING DYNAMICS
tconv
Conversion time
500
930
ns
tACQ
Acquisition time
540
ns
Maximum throughput rate
680
kHz
with or without latency
Aperture delay
4
ns
Aperture jitter, RMS
5
ps
Step response
Settling to 18-bit accuracy
540
ns
Overvoltage recovery
Settling to 18-bit accuracy
540
ns
(1)
Ideal input span, does not include gain or offset error.
(2)
Specified for VCM = VREF / 2. Refer to the Analog Input section for the effect of VCM on the full-scale input range.
(3)
LSB = least significant bit.
(4)
This parameter is the endpoint INL, not best-fit.
(5)
Measured relative to actual measured reference.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS8883


Similar Part No. - ADS8883IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8883 TI-ADS8883 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8883IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com