Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8883IDRCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8883IDRCT
Description  18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8883IDRCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8883IDRCT Datasheet HTML 5Page - Texas Instruments ADS8883IDRCT Datasheet HTML 6Page - Texas Instruments ADS8883IDRCT Datasheet HTML 7Page - Texas Instruments ADS8883IDRCT Datasheet HTML 8Page - Texas Instruments ADS8883IDRCT Datasheet HTML 9Page - Texas Instruments ADS8883IDRCT Datasheet HTML 10Page - Texas Instruments ADS8883IDRCT Datasheet HTML 11Page - Texas Instruments ADS8883IDRCT Datasheet HTML 12Page - Texas Instruments ADS8883IDRCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
1
2
3
4
5
10
9
8
7
6
REF
AVDD
AINP
AINN
GND
CONVST
DOUT
SCLK
DIN
DVDD
Thermal
PAD
1
2
3
4
5
10
9
8
7
6
REF
AVDD
AINP
AINN
GND
CONVST
DOUT
SCLK
DIN
DVDD
ADS8883
www.ti.com
SBAS567A – MAY 2013 – REVISED DECEMBER 2013
PIN CONFIGURATIONS
DGS PACKAGE
DRC PACKAGE
VSSOP-10
SON-10
(TOP VIEW, Not to Scale)
(TOP VIEW, Not to Scale)
PIN ASSIGNMENTS
PIN
PIN NAME
NUMBER
FUNCTION
DESCRIPTION
AINN
4
Analog input
Inverting analog signal input
AINP
3
Analog input
Noninverting analog signal input
Analog power supply.
AVDD
2
Analog
This pin must be decoupled to GND with a 1-
μF capacitor.
Convert input.
CONVST
6
Digital input
This pin also functions as the CS input in 3-wire interface mode. Refer to the
Description and Timing Characteristics sections for more details.
Serial data input.
The DIN level at the start of a conversion selects the mode of operation (such as CS
DIN
9
Digital input
or daisy-chain mode). This pin also serves as the CS input in 4-wire interface mode.
Refer to the Description and Timing Characteristics sections for more details.
DOUT
7
Digital output
Serial data output
Digital interface power supply.
DVDD
10
Power supply
This pin must be decoupled to GND with a 1-
μF capacitor.
Device ground.
Note that this pin is a common ground pin for both the analog power supply (AVDD)
GND
5
Analog, digital
and digital I/O supply (DVDD). The reference return line is also internally connected to
this pin.
Positive reference input.
REF
1
Analog
This pin must be decoupled with a 10-
μF or larger capacitor.
Clock input for serial interface.
SCLK
8
Digital input
Data output (on DOUT) are synchronized with this clock.
Exposed thermal pad.
Thermal pad
Thermal pad
Texas Instruments recommends connecting the thermal pad to the printed circuit
board (PCB) ground.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS8883


Similar Part No. - ADS8883IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8883 TI-ADS8883 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8883IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com