Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8862 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8862
Description  16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8862 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8862 Datasheet HTML 1Page - Texas Instruments ADS8862 Datasheet HTML 2Page - Texas Instruments ADS8862 Datasheet HTML 3Page - Texas Instruments ADS8862 Datasheet HTML 4Page - Texas Instruments ADS8862 Datasheet HTML 5Page - Texas Instruments ADS8862 Datasheet HTML 6Page - Texas Instruments ADS8862 Datasheet HTML 7Page - Texas Instruments ADS8862 Datasheet HTML 8Page - Texas Instruments ADS8862 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
ADS8862
SBAS570A – MAY 2013 – REVISED DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All minimum and maximum specifications are at TA = –40°C to +85°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V,
and fSAMPLE = 680 kSPS, unless otherwise noted.
Typical specifications are at TA = +25°C, AVDD = 3 V, and DVDD = 3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
At 1 kHz, VREF = 5 V
90.5
92.9
dB
SINAD
Signal-to-noise + distortion(5)
At 10 kHz, VREF = 5 V
92.9
dB
At 100 kHz, VREF = 5 V
88.2
dB
At 1 kHz, VREF = 5 V
92
93
dB
SNR
Signal-to-noise ratio(5)
At 10 kHz, VREF = 5 V
93
dB
At 100 kHz, VREF = 5 V
88.5
dB
At 1 kHz, VREF = 5 V
–108
dB
THD
Total harmonic distortion(5)(6)
At 10 kHz, VREF = 5 V
–108
dB
At , VREF = 5 V
-101
dB
At 1 kHz, VREF = 5 V
108
dB
SFDR
Spurious-free dynamic range(5)
At 10 kHz, VREF = 5 V
108
dB
At 100 kHz, VREF = 5 V
101
dB
BW–3dB –3-dB small-signal bandwidth
30
MHz
EXTERNAL REFERENCE INPUT
VREF
Input range
2.5
5
V
Reference input current
During conversion, 680-kHz sample rate, mid-code
160
μA
Reference leakage current
250
nA
Decoupling capacitor at the REF
CREF
10
22
µF
input
POWER-SUPPLY REQUIREMENTS
AVDD
Analog supply
2.7
3
3.6
V
Power-supply
voltage
DVDD
Digital supply range
1.65
1.8
3.6
V
Supply current
AVDD
680-kHz sample rate, AVDD = 3 V
1.4
1.8
mA
680-kHz sample rate, AVDD = 3 V
4.2
5.4
mW
PVA
Power dissipation
100-kHz sample rate, AVDD = 3 V
0.6
mW
10-kHz sample rate, AVDD = 3 V
60
μW
IAPD
Device power-down current(7)
50
nA
DIGITAL INPUTS: LOGIC FAMILY (CMOS)
1.65 V < DVDD < 2.3 V
0.8 × DVDD
DVDD + 0.3
V
VIH
High-level input voltage
2.3 V < DVDD < 3.6 V
0.7 × DVDD
DVDD + 0.3
V
1.65 V < DVDD < 2.3 V
–0.3
0.2 × DVDD
V
VIL
Low-level input voltage
2.3 V < DVDD < 3.6 V
–0.3
0.3 × DVDD
V
ILK
Digital input leakage current
±10
±100
nA
DIGITAL OUTPUTS: LOGIC FAMILY (CMOS)
VOH
High-level output voltage
IO = 500-μA source, CLOAD = 20 pF
0.8 × DVDD
DVDD
V
VOL
Low-level output voltage
IO = 500-μA sink, CLOAD = 20 pF
0
0.2 × DVDD
V
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
+85
°C
(5)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with an input signal 0.5 dB below full-scale,
unless otherwise specified.
(6)
Calculated on the first nine harmonics of the input frequency.
(7)
The device automatically enters a power-down state at the end of every conversion, and remains in power-down during the acquisition
phase.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS8862


Similar Part No. - ADS8862

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8862 TI-ADS8862 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8862

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com