Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8555 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS8555
Description  16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8555 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8555_14 Datasheet HTML 1Page - Texas Instruments ADS8555_14 Datasheet HTML 2Page - Texas Instruments ADS8555_14 Datasheet HTML 3Page - Texas Instruments ADS8555_14 Datasheet HTML 4Page - Texas Instruments ADS8555_14 Datasheet HTML 5Page - Texas Instruments ADS8555_14 Datasheet HTML 6Page - Texas Instruments ADS8555_14 Datasheet HTML 7Page - Texas Instruments ADS8555_14 Datasheet HTML 8Page - Texas Instruments ADS8555_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ADS8555
www.ti.com
SBAS531B
– DECEMBER 2010 – REVISED FEBRUARY 2011
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage, AVDD to AGND
4.5
5
5.5
V
Low-voltage levels
2.7
3.0
3.6
V
Supply voltage, BVDD to BGND
5V logic levels
4.5
5
5.5
V
Input range =
±2 × VREF
2
× VREF
16.5
V
Input supply voltage, HVDD to AGND
Input range =
±4 × VREF
4
× VREF
16.5
V
Input range =
±2 × VREF
–16.5
–2 × VREF
V
Input supply voltage, HVSS to AGND
Input range =
±4 × VREF
–16.5
–4 × VREF
V
Reference input voltage (VREF)
0.5
2.5
3.0
V
Input range =
±2 × VREF
–2 × VREF
2
× VREF
V
Analog inputs
(also see the Analog Inputs section)
Input range =
±4 × VREF
–4 × VREF
4
× VREF
V
Operating ambient temperature range, TA
–40
+125
°C
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range of
–40°C to +125°C, AVDD = 4.5V to 5.5V, BVDD = 2.7V to 5.5V,
HVDD = 10V to 15V, HVSS =
–15V to –10V, VREF = 2.5V (internal), and fDATA = maximum, unless otherwise noted.
ADS8555
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNIT
DC ACCURACY
Resolution
16
Bits
No missing codes
16
Bits
At TA = –40°C to +85°C
–3
±1.5
3
LSB
Integral linearity error
INL
At TA = –40°C to +125°C
–4
±1.5
4
LSB
At TA = –40°C to +85°C
–1
±0.75
1.5
LSB
Differential linearity error
DNL
At TA = –40°C to +125°C
–1
±0.75
2
LSB
Offset error
–4.0
±0.8
4.0
mV
Offset error drift
±3.5
μV/°C
Gain error
Referenced to voltage at REFIO
–0.75
±0.25
0.75
%FSR
Gain error drift
Referenced to voltage at REFIO
±6
ppm/
°C
Power-supply rejection ratio
PSRR At output code FFFFh, related to AVDD
60
dB
SAMPLING DYNAMICS
Acquisition time
tACQ
280
ns
Conversion time per ADC
tCONV
1.26
μs
18.5
tCCLK
Internal conversion clock period
tCCLK
68.0
ns
Parallel interface, internal clock and reference
630
kSPS
Throughput rate
fDATA
Serial interface, internal clock and reference
450
kSPS
AC ACCURACY
At fIN = 10kHz, TA = –40°C to +85°C
90
91.5
dB
Signal-to-noise ratio
SNR
At fIN = 10kHz, TA = –40°C to +125°C
89
91.5
dB
At fIN = 10kHz, TA = –40°C to +85°C
87
89.5
dB
Signal-to-noise ratio + distortion
SINAD
At fIN = 10kHz, TA = –40°C to +125°C
86.5
89.5
dB
At fIN = 10kHz, TA = –40°C to +85°C
–94
–90
dB
Total harmonic distortion(2)
THD
At fIN = 10kHz, TA = –40°C to +125°C
–94
–89.5
At fIN = 10kHz, TA = –40°C to +85°C
90
95
dB
Spurious-free dynamic range
SFDR
At fIN = 10kHz, TA = –40°C to +125°C
89.5
95
dB
Channel-to-channel isolation
At fIN = 10kHz
100
dB
Input Range =
±4 × VREF
48
MHz
–3dB small-signal bandwidth
Input Range =
±2 × VREF
24
MHz
(1)
All values are at TA = +25°C.
(2)
Calculated on the first nine harmonics of the input frequency.
© 2010–2011, Texas Instruments Incorporated
3
Product Folder Link(s): ADS8555


Similar Part No. - ADS8555_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
More results

Similar Description - ADS8555_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
[Old version datasheet]   Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com