Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7946SRTET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7946SRTET
Description  14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7946SRTET Datasheet(HTML) 3 Page - Texas Instruments

  ADS7946SRTET Datasheet HTML 1Page - Texas Instruments ADS7946SRTET Datasheet HTML 2Page - Texas Instruments ADS7946SRTET Datasheet HTML 3Page - Texas Instruments ADS7946SRTET Datasheet HTML 4Page - Texas Instruments ADS7946SRTET Datasheet HTML 5Page - Texas Instruments ADS7946SRTET Datasheet HTML 6Page - Texas Instruments ADS7946SRTET Datasheet HTML 7Page - Texas Instruments ADS7946SRTET Datasheet HTML 8Page - Texas Instruments ADS7946SRTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ADS7945
ADS7946
www.ti.com
SBAS539B
– JUNE 2011 – REVISED SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS: ADS7945 (Differential)
Minimum/maximum specifications at TA = –40°C to +125°C, AVDD = 2.7 V to 5.25 V, DVDD = 1.65 V to AVDD, input
common-mode = VREF/2 ± 0.2, and fSAMPLE = 2 MSPS, unless otherwise noted.
Typical specifications at TA = +25°C, AVDD = 5 V, DVDD = 1.8 V, input common-mode = VREF/2 ± 0.2, and fSAMPLE = 2 MSPS.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-scale input span(1)
AINxP
– AINxN
–VREF
VREF
V
AIN0P, AIN1P
–0.2
AVDD + 0.2
V
Absolute input range
AIN0N, AIN1N
–0.2
AVDD + 0.2
V
Input common-mode range(2)
(AINxP + AINxN)/2
VREF/2 ± 0.2
V
Input capacitance(3)
32
pF
Input leakage current
At +125
°C
1.5
nA
SYSTEM PERFORMANCE
Resolution
14
Bits
No missing codes
14
Bits
Integral linearity
–1.5
±0.8
1.5
LSB(4)
Differential linearity
–1
±0.8
1.5
LSB
Offset error(5)
–4
±1.5
4
LSB
Gain error
–4
±1.5
4
LSB
Transition noise
25
µVRMS
Power-supply rejection
With 500 Hz sine wave on AVDD
60
dB
SAMPLING DYNAMICS
Conversion time
16
SCLK
Acquisition time
80
ns
Maximum sample rate (throughput rate)
40 MHz SCLK with a 16-clock frame
2
MSPS
Aperture delay(6)
10
ns
Aperture jitter(6)
10
ps
Step response(6)(3)
80
ns
DYNAMIC CHARACTERISTICS
Total harmonic distortion (THD)(7)
20 kHz, VREF = 4.0 V
–92
dB
20 kHz, VREF = 4.0 V
82
84
dB
Signal-to-noise ratio (SNR)
100 kHz, VREF = 4.0 V
83
dB
Signal-to-noise and distorion ratio (SINAD)
20 kHz, VREF = 4.0 V
83.5
dB
Spurious-free dynamic range (SFDR)
20 kHz, VREF = 4.0 V
94
dB
Full-power bandwidth(8)
At
–3 dB
15
MHz
(1)
Ideal input span; does not include gain or offset error.
(2)
Refer to the Input Common-Mode Range section in Application Information.
(3)
Refer to Figure 76 for sampling circuit details.
(4)
LSB means least significant bit.
(5)
Measured relative to an ideal full-scale input.
(6)
Ensured by simulation.
(7)
Calculated on the first nine harmonics of the input frequency.
(8)
Indicates signal bandwidth for undersampling applications.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS7945 ADS7946


Similar Part No. - ADS7946SRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7946SRTET TI1-ADS7946SRTET Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
More results

Similar Description - ADS7946SRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com