Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7946SRTET Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7946SRTET
Description  14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7946SRTET Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7946SRTET Datasheet HTML 5Page - Texas Instruments ADS7946SRTET Datasheet HTML 6Page - Texas Instruments ADS7946SRTET Datasheet HTML 7Page - Texas Instruments ADS7946SRTET Datasheet HTML 8Page - Texas Instruments ADS7946SRTET Datasheet HTML 9Page - Texas Instruments ADS7946SRTET Datasheet HTML 10Page - Texas Instruments ADS7946SRTET Datasheet HTML 11Page - Texas Instruments ADS7946SRTET Datasheet HTML 12Page - Texas Instruments ADS7946SRTET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
GND
AVDD
REF
REFGND
PDEN
CHSEL
NC
NC
1
2
3
4
12
11
10
9
ADS7946
ADS7945
ADS7946
www.ti.com
SBAS539B
– JUNE 2011 – REVISED SEPTEMBER 2011
PIN CONFIGURATION ADS7946 (SINGLE-ENDED)
RTE PACKAGE
QFN-16
(TOP VIEW)
Table 3. PIN FUNCTIONS
PIN
NO.
PIN NAME
FUNCTION
DESCRIPTION
1
GND
Analog/digital
Power supply ground; all analog and digital signals are referred with respect to this pin
2
AVDD
Analog
ADC power supply
3
REF
Analog
ADC positive reference input; decouple this pin with REFGND
4
REFGND
Analog
Reference return; short to analog ground plane
5
AIN0
Analog input
Positive analog input, channel 0
6
AIN0GND
Analog input
Ground sense analog input, channel 0
7
AIN1GND
Analog input
Ground sense analog input, channel 1
8
AIN1
Analog input
Positive analog input, channel 1
9
NC
Not connected internally, it is recommended to externally short this pin to GND
10
NC
Not connected internally, it is recommended to externally short this pin to GND
This pin selects the analog input channel.
Low = Channel 0
11
CH SEL
Digital input
High = Channel 1
It is recommended to change the channel within a window of one clock; from half a clock after the CS
falling edge. This change ensures the settling on the multiplexer output before the sample start.
12
PDEN
Digital input
This pin enables a power-down feature if it is high at the CS rising edge
13
CS
Digital input
Chip select signal; active low
14
SCLK
Digital input
Serial SPI clock
15
SDO
Digital output
Serial data out
16
DVDD
Digital
Digital I/O supply
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS7945 ADS7946


Similar Part No. - ADS7946SRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7946SRTET TI1-ADS7946SRTET Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
More results

Similar Description - ADS7946SRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com