Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8548SRGCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8548SRGCT
Description  12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8548SRGCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8548SRGCT Datasheet HTML 4Page - Texas Instruments ADS8548SRGCT Datasheet HTML 5Page - Texas Instruments ADS8548SRGCT Datasheet HTML 6Page - Texas Instruments ADS8548SRGCT Datasheet HTML 7Page - Texas Instruments ADS8548SRGCT Datasheet HTML 8Page - Texas Instruments ADS8548SRGCT Datasheet HTML 9Page - Texas Instruments ADS8548SRGCT Datasheet HTML 10Page - Texas Instruments ADS8548SRGCT Datasheet HTML 11Page - Texas Instruments ADS8548SRGCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
ADS8528
ADS8548
ADS8568
SBAS543A
– AUGUST 2011 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: GENERAL (continued)
All minimum/maximum specifications are at TA = –40°C to +125°C, specified supply voltage range, VREF = 2.5V (internal),
VIN = ±10V, and fDATA = max, unless otherwise noted. Typical values are at TA = +25°C, HVDD = 15V, HVSS = –15V,
AVDD = 5V, and DVDD = 3.3V.
ADS8528, ADS8548, ADS8568
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS (continued)
ADS8528, fDATA = maximum
3.4
4.5
mA
ADS8548, fDATA = maximum
3.3
4.4
mA
ADS8568, fDATA = maximum
2.7
3.6
mA
fDATA = 250kSPS
2.1
2.6
mA
Input negative supply current
IHVSS f
DATA = 200kSPS
1.7
mA
fDATA = 10kSPS
0.4
mA
Auto-sleep mode, no ongoing conversion,
0.35
mA
internal conversion clock
Power-down mode
0.01
mA
ADS8528, fDATA = maximum
287.1
430.1
mW
ADS8548, fDATA = maximum
279.7
419.1
mW
ADS8568, fDATA = maximum
259.7
389.4
mW
fDATA = 250kSPS, auto-sleep mode
161.7
255.2
mW
fDATA = 200kSPS, auto-sleep mode
151.2
mW
Power dissipation(3)
fDATA = 10kSPS, normal operation
163.3
mW
fDATA = 10kSPS, auto-sleep mode
36.3
mW
Auto-sleep mode, no ongoing conversion,
53.6
mW
internal conversion clock
Power-down mode
0.6
mW
Operating ambient temperature
TA
–40
25
+125
°C
range
(3)
Maximum power dissipation values are specified with HVDD = 15V and HVSS =
–15V.
8
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8528 ADS8548 ADS8568


Similar Part No. - ADS8548SRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8548SRGCT TI1-ADS8548SRGCT Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8548SRGCT TI1-ADS8548SRGCT Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results

Similar Description - ADS8548SRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8350 TI1-ADS8350_14 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com