Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1293 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS1293
Description  ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1293 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1293_14 Datasheet HTML 5Page - Texas Instruments ADS1293_14 Datasheet HTML 6Page - Texas Instruments ADS1293_14 Datasheet HTML 7Page - Texas Instruments ADS1293_14 Datasheet HTML 8Page - Texas Instruments ADS1293_14 Datasheet HTML 9Page - Texas Instruments ADS1293_14 Datasheet HTML 10Page - Texas Instruments ADS1293_14 Datasheet HTML 11Page - Texas Instruments ADS1293_14 Datasheet HTML 12Page - Texas Instruments ADS1293_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
ADS1293
www.ti.com
SNAS602B – FEBRUARY 2013 – REVISED MARCH 2013
TIMING DIAGRAMS
Unless otherwise noted, all limits specified at TA = 25°C, +2.7V ≤ VDD ≤ +5.5V, +1.65 ≤ VDDIO ≤ MIN(+3.6V,
VDD), VREF = +2.4V, fOSC = 409.6kHz and a 10pF capacitive load in parallel with a 10kΩ load on SDO.
Figure 1. Write Timing Diagram
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
FSCLK
Serial Clock Frequency
20
MHz
tPH
SCLK Pulse Width - High
FSCLK = 20MHz
0.4/FSCLK
s
tPL
SCLK Pulse Width - Low
FSCLK = 20MHz
0.4/FSCLK
s
tSU
SDI Setup Time
5
ns
tH
SDI Hold Time
5
ns
Figure 2. Read Timing Diagram
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
tODZ
SDO Driven-to-Tristate Time
Measured at 10% / 90% point
15
ns
tOZD
SDO Tristate-to-Driven Time
Measured at 10% / 90% point
15
ns
tOD
SDO Output Delay Time
10
ns
tCSS
CSB Setup Time
5
ns
tCSH
CSB Hold Time
5
ns
tIAG
Inter-Access Gap
10
ns
tDRDYB
Data Ready Bar at every 1/ODR second, see
4/fOSC
s
Figure 25
Copyright © 2013, Texas Instruments Incorporated
9
Product Folder Links: ADS1293


Similar Part No. - ADS1293_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1293 TI1-ADS1293_13 Datasheet
1Mb / 75P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
More results

Similar Description - ADS1293_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1293 TI1-ADS1293_13 Datasheet
1Mb / 75P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI1-ADS1293 Datasheet
2Mb / 78P
[Old version datasheet]   Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com