Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1602IPFBTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS1602IPFBTG4
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1602IPFBTG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1602IPFBTG4 Datasheet HTML 1Page - Texas Instruments ADS1602IPFBTG4 Datasheet HTML 2Page - Texas Instruments ADS1602IPFBTG4 Datasheet HTML 3Page - Texas Instruments ADS1602IPFBTG4 Datasheet HTML 4Page - Texas Instruments ADS1602IPFBTG4 Datasheet HTML 5Page - Texas Instruments ADS1602IPFBTG4 Datasheet HTML 6Page - Texas Instruments ADS1602IPFBTG4 Datasheet HTML 7Page - Texas Instruments ADS1602IPFBTG4 Datasheet HTML 8Page - Texas Instruments ADS1602IPFBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ADS1602
www.ti.com
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = –40°C to +85°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, external VREF = +3V, VCM =
+1.45V, and RBIAS = 37kΩ, unless otherwise noted.
ADS1602
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock Input
Frequency (fCLK)
40
MHz
Duty cycle
fCLK = 40MHz
45
55
%
Digital Input/Output
VIH
0.7
× IOVDD
IOVDD
V
VIL
DGND
0.3
× IOVDD
V
VOH
IOH = 50μA
IOVDD
– 0.5
V
VOL
IOL = 50μA
DGND + 0.5
V
Input leakage
DGND
< VDIGIN < IOVDD
±10
μA
Power-Supply Requirements
AVDD
4.75
5.25
V
DVDD
2.7
3.3
V
IOVDD
IOH = 50μA
2.7
5.25
V
REFEN = low
110
125
mA
AVDD current (IAVDD)
REFEN = high
88
98
mA
DVDD current (IDVDD)
IOVDD = 3V
25
30
mA
IOVDD current (IIOVDD)
IOVDD = 3V
8
10
mA
AVDD = 5V, DVDD = 3V, IOVDD = 3V,
530
610
mW
REFEN = high
Power dissipation
PD = low, CLK disabled
10
mW
Temperature Range
Specified
–40
+85
°C
Operating
–40
+105
°C
Storage
–60
+150
°C
Copyright
© 2004–2011, Texas Instruments Incorporated
5


Similar Part No. - ADS1602IPFBTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1602IPFBTG4 BURR-BROWN-ADS1602IPFBTG4 Datasheet
397Kb / 26P
   16-Bit, 2.5MSPS Analog-to-Digital Converter
More results

Similar Description - ADS1602IPFBTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1602 BURR-BROWN-ADS1602 Datasheet
397Kb / 26P
   16-Bit, 2.5MSPS Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com