Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1225IRGVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1225IRGVRG4
Description  24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1225IRGVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1225IRGVRG4 Datasheet HTML 1Page - Texas Instruments ADS1225IRGVRG4 Datasheet HTML 2Page - Texas Instruments ADS1225IRGVRG4 Datasheet HTML 3Page - Texas Instruments ADS1225IRGVRG4 Datasheet HTML 4Page - Texas Instruments ADS1225IRGVRG4 Datasheet HTML 5Page - Texas Instruments ADS1225IRGVRG4 Datasheet HTML 6Page - Texas Instruments ADS1225IRGVRG4 Datasheet HTML 7Page - Texas Instruments ADS1225IRGVRG4 Datasheet HTML 8Page - Texas Instruments ADS1225IRGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ELECTRICAL CHARACTERISTICS
ADS1225
ADS1226
www.ti.com ....................................................................................................................................................... SBAS346C – MAY 2006 – REVISED JANUARY 2009
All specifications at TA = –40°C to +105°C, AVDD = +5V, DVDD = +3V, and VREF = +5V, unless otherwise noted.
ADS1225, ADS1226
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
Full-scale input voltage
AINP – AINN
±VREF
V
Buffer off; AINP, AINN with respect to GND
GND – 0.1
AVDD + 0.1
V
Absolute input voltage
Buffer on; AINP, AINN with respect to GND
GND + 0.05
AVDD – 1.5
V
Buffer off
2
M
Differential input impedance
Buffer on
1
G
Common-mode input impedance
Buffer off
4
M
System Performance
Resolution
24
Bits
High-Speed mode
75
100
125
SPS(1)
Data rate
High-Resolution mode
12
16
22
SPS(1)
Integral nonlinearity (INL)
End-point fit
0.0005
0.0020
% of FSR(2)
Offset error
60
200
µV
Offset error drift
0.3
µV/°C
Gain error
0.004
0.025
%
Gain error drift
0.3
ppm/°C
Common-mode rejection
At dc
85
95
dB
Analog power-supply rejection
At dc, ± 10%
Δ in AVDD
95
dB
Digital power-supply rejection
At dc, DVDD = 2.7V to 5.5V
80
dB
High-Speed mode
1.5
ppm of FSR, rms
Noise
High-Resolution mode
0.4
ppm of FSR, rms
Temperature Sensor
Temperature sensor voltage
TA = +25°C
106
mV
Temperature sensor coefficient
360
µV/°C
Voltage Reference Input
Reference input voltage
VREF = VREFP – VREFN
0.5
AVDD
V
Negative reference input
GND – 0.1
VREFP – 0.5
V
Positive reference input
VREFN + 0.5
AVDD + 0.1
V
Voltage reference impedance
1.5
M
(1)
SPS = samples per second.
(2)
FSR = full-scale range = 2 × VREF.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1225 ADS1226


Similar Part No. - ADS1225IRGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1225IRGVRG4 TI1-ADS1225IRGVRG4 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
More results

Similar Description - ADS1225IRGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1225 TI1-ADS1225_V01 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
TLC2543-EP TI-TLC2543-EP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541 TI1-TLC1541_14 Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com