Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1018IDGST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1018IDGST
Description  Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1018IDGST Datasheet(HTML) 1 Page - Texas Instruments

  ADS1018IDGST Datasheet HTML 1Page - Texas Instruments ADS1018IDGST Datasheet HTML 2Page - Texas Instruments ADS1018IDGST Datasheet HTML 3Page - Texas Instruments ADS1018IDGST Datasheet HTML 4Page - Texas Instruments ADS1018IDGST Datasheet HTML 5Page - Texas Instruments ADS1018IDGST Datasheet HTML 6Page - Texas Instruments ADS1018IDGST Datasheet HTML 7Page - Texas Instruments ADS1018IDGST Datasheet HTML 8Page - Texas Instruments ADS1018IDGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SPI
Interface
Oscillator
Voltage
Reference
High Accuracy
Temp Sensor
MUX
PGA
12-Bit DS
ADC
GND
VDD
500 W
500 W
0.1 F
m
1 F
m
0.1 F
m
GND
1 MW
1 MW
GND
VDD
500 W
500 W
1 F
m
0.1 F
m
GND
1 MW
GND
VDD
0.1 F
m
0.1 F
m
GND
AIN0
AIN1
AIN2
AIN3
SCLK
CS
VDD
GND
DOUT/DRDY
DIN
Device
1 MW
GND
GND
ADS1018
www.ti.com
SBAS526B – NOVEMBER 2012 – REVISED OCTOBER 2013
Ultra-Small, Low-Power, SPI™-Compatible, 12-Bit,
Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Check for Samples: ADS1018
1
FEATURES
DESCRIPTION
The
ADS1018
is
a
precision
analog-to-digital
23
Ultra-Small QFN Package:
converter (ADC) with 12 bits of resolution offered in
2 mm × 1,5 mm × 0,4 mm
an ultra-small, leadless QFN-10 package or an
Wide Supply Range: 2.0 V to 5.5 V
MSOP-10 package. The ADS1018 is designed with
Low Current Consumption:
precision, power, and ease of implementation in
mind. The ADS1018 features an integrated voltage
Continuous Mode: Only 150
μA
reference and oscillator. Data are transferred via a
Single-Shot Mode: Auto Power-Down
SPI-compatible
serial
interface.
The
ADS1018
Programmable Data Rate:
operates from a single power supply ranging from
128 SPS to 3300 SPS
2.0 V to 5.5 V.
Single-Cycle Settling
The ADS1018 can perform conversions at rates up to
3300 samples per second (SPS). A programmable
Internal Temperature Sensor:
gain amplifier (PGA) is integrated in the ADS1018
1°C (max) Error
that offers input ranges from as low as ±256 mV up to
Internal Low-Drift Voltage Reference
the supply rails, allowing both large and small signals
Internal Oscillator
to be measured with high resolution. The ADS1018
also features an input multiplexer (MUX) that provides
Internal PGA
two differential or four single-ended inputs. The
Four Single-Ended or Two Differential Inputs
ADS1018 can also function as a high-accuracy
temperature sensor. This temperature sensor can be
APPLICATIONS
used for system-level temperature monitoring or cold-
junction compensation for thermocouples.
Temperature Measurement
Portable Instrumentation
The
ADS1018
operates
either
in
continuous
conversion
mode
or
single-shot
mode
that
Consumer Goods
automatically powers down after a conversion and
Battery Monitoring
greatly reduces current consumption during idle
Factory Automation and Process Controls
periods. The ADS1018 is specified from –40°C to
+125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1018IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1018IDGST TI1-ADS1018IDGST Datasheet
1Mb / 41P
[Old version datasheet]   Analog-to-Digital Converter Internal Reference and Temperature Sensor
More results

Similar Description - ADS1018IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com