Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1015 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1015
Description  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1015 Datasheet HTML 1Page - Texas Instruments ADS1015 Datasheet HTML 2Page - Texas Instruments ADS1015 Datasheet HTML 3Page - Texas Instruments ADS1015 Datasheet HTML 4Page - Texas Instruments ADS1015 Datasheet HTML 5Page - Texas Instruments ADS1015 Datasheet HTML 6Page - Texas Instruments ADS1015 Datasheet HTML 7Page - Texas Instruments ADS1015 Datasheet HTML 8Page - Texas Instruments ADS1015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ADS1015
ADS1015
12-Bit
ADC
DS
I C
Interface
2
Voltage
Reference
Oscillator
SCL
SDA
ADDR
ADS1013
AIN1
AIN0
12-Bit
ADC
DS
I C
Interface
2
Voltage
Reference
Oscillator
ALERT/RDY
SCL
SDA
ADDR
PGA
Comparator
ADS1015
ADS1014
MUX
AIN1
AIN2
AIN0
AIN3
ADS1015
Only
VDD
GND
VDD
GND
ADS1013
ADS1014
ADS1015
www.ti.com
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
Ultra-Small, Low-Power, 12-Bit
Analog-to-Digital Converter with Internal Reference
Check for Samples: ADS1013 ADS1014 ADS1015
1
FEATURES
DESCRIPTION
23
ULTRA-SMALL QFN PACKAGE:
The
ADS1013,
ADS1014,
and
ADS1015
are
2mm × 1,5mm × 0,4mm
precision analog-to-digital converters (ADCs) with 12
bits of resolution offered in an ultra-small, leadless
WIDE SUPPLY RANGE: 2.0V to 5.5V
QFN-10 package or an MSOP-10 package. The
LOW CURRENT CONSUMPTION:
ADS1013/4/5 are designed with precision, power, and
Continuous Mode: Only 150
μA
ease of implementation in mind. The ADS1013/4/5
Single-Shot Mode: Auto Shut-Down
feature an onboard reference and oscillator. Data are
PROGRAMMABLE DATA RATE:
transferred via an I2C-compatible serial interface; four
I2C
slave
addresses
can
be
selected.
The
128SPS to 3.3kSPS
ADS1013/4/5 operate from a single power supply
INTERNAL LOW-DRIFT
ranging from 2.0V to 5.5V.
VOLTAGE REFERENCE
The ADS1013/4/5 can perform conversions at rates
INTERNAL OSCILLATOR
up to 3300 samples per second (SPS). An onboard
INTERNAL PGA
PGA is available on the ADS1014 and ADS1015 that
I2C™ INTERFACE: Pin-Selectable Addresses
offers input ranges from the supply to as low as
±256mV, allowing both large and small signals to be
FOUR SINGLE-ENDED OR TWO
measured with high resolution. The ADS1015 also
DIFFERENTIAL INPUTS (ADS1015)
features an input multiplexer (MUX) that provides two
PROGRAMMABLE COMPARATOR
differential or four single-ended inputs.
(ADS1014 and ADS1015)
The
ADS1013/4/5
operate
either
in
continuous
conversion
mode
or
a
single-shot
mode
that
APPLICATIONS
automatically powers down after a conversion and
PORTABLE INSTRUMENTATION
greatly reduces current consumption during idle
CONSUMER GOODS
periods. The ADS1013/4/5 are specified from –40°C
BATTERY MONITORING
to +125°C.
TEMPERATURE MEASUREMENT
FACTORY AUTOMATION AND PROCESS
CONTROLS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1015 TI-ADS1015 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015 TI1-ADS1015 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1015 TI1-ADS1015 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1015 TI-ADS1015 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1015 TI1-ADS1015 Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com