Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1013IDGSR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1013IDGSR
Description  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1013IDGSR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1013IDGSR Datasheet HTML 6Page - Texas Instruments ADS1013IDGSR Datasheet HTML 7Page - Texas Instruments ADS1013IDGSR Datasheet HTML 8Page - Texas Instruments ADS1013IDGSR Datasheet HTML 9Page - Texas Instruments ADS1013IDGSR Datasheet HTML 10Page - Texas Instruments ADS1013IDGSR Datasheet HTML 11Page - Texas Instruments ADS1013IDGSR Datasheet HTML 12Page - Texas Instruments ADS1013IDGSR Datasheet HTML 13Page - Texas Instruments ADS1013IDGSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Equivalent
Circuit
f
=250kHz
CLK
Z
CM
Z
DIFF
Z
CM
AIN
N
AIN
P
0.7V
0.7V
S
1
S
1
C
A1
C
B
C
A2
S
2
S
2
0.7V
0.7V
AIN
N
AIN
P
ADS1013
ADS1014
ADS1015
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
www.ti.com
Figure 12. Simplified Analog Input Circuit
The common-mode input impedance is measured by
The typical value of the input impedance cannot be
applying a common-mode signal to shorted AINP and
neglected. Unless the input source has a low
AINN inputs and measuring the average current
impedance, the ADS1013/4/5 input impedance may
consumed by each pin. The common-mode input
affect the measurement accuracy. For sources with
impedance changes depending on the PGA gain
high output impedance, buffering may be necessary.
setting, but is approximately 6M
Ω for the default PGA
Active buffers introduce noise, and also introduce
gain setting. In Figure 12, the common-mode input
offset and gain errors. All of these factors should be
impedance is ZCM.
considered in high-accuracy applications.
The differential input impedance is measured by
Because the clock oscillator frequency drifts slightly
applying a differential signal to AINP and AINN inputs
with temperature, the input impedances also drift. For
where one input is held at 0.7V. The current that
many applications, this input impedance drift can be
flows through the pin connected to 0.7V is the
ignored, and the values given in Table 2 for typical
differential current and scales with the PGA gain
input impedance are valid.
setting. In Figure 12, the differential input impedance
is ZDIFF. Table 2 describes the typical differential input
FULL-SCALE INPUT
impedance.
A programmable gain amplifier (PGA) is implemented
before the
ΔΣ core of the ADS1014/5. The PGA can
Table 2. Differential Input Impedance
be set to gains of 2/3, 1, 2, 4, 8, and 16. Table 3
FS (V)
DIFFERENTIAL INPUT IMPEDANCE
shows the corresponding full-scale (FS) ranges. The
±6.144V(1)
22M
Ω
PGA is configured by three bits in the Config register.
The ADS1013 has a fixed full-scale input range of
±4.096V(1)
15M
Ω
±2.048V. The PGA = 2/3 setting allows input
±2.048V
4.9M
Ω
measurement to extend up to the supply voltage
±1.024V
2.4M
Ω
when VDD is larger than 4V. Note though that in this
±0.512V
710k
Ω
case (as well as for PGA = 1 and VDD < 4V), it is not
±0.256V
710k
Ω
possible to reach a full-scale output code on the
ADC. Analog input voltages may never exceed the
1. This parameter expresses the full-scale range of
analog input voltage limits given in the Electrical
the ADC scaling. In no event should more than
Characteristics table.
VDD + 0.3V be applied to this device.
Table 3. PGA Gain Full-Scale Range
PGA SETTING
FS (V)
2/3
±6.144V(1)
1
±4.096V(1)
2
±2.048V
4
±1.024V
8
±0.512V
16
±0.256V
1. This parameter expresses the full-scale range of
the ADC scaling. In no event should more than
VDD + 0.3V be applied to this device.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1013 ADS1014 ADS1015


Similar Part No. - ADS1013IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IDGSR TI1-ADS1013IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1013IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com