Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS130E08IPAGR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS130E08IPAGR
Description  Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS130E08IPAGR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS130E08IPAGR Datasheet HTML 2Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 3Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 4Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 5Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 6Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 7Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 8Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 9Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
DAISY_IN
DOUT
SCLK
MSBD1
t
DISCK2ST
MSB
2
1
3
152
153
154
MSBD1
LSB
t
DISCK2HT
t
DOPD
'RQ¶W
Care
LSBD1
155
1
CS
CLK
DIN
DOUT
2
3
8
1
2
8
3
tCSSC
tDIST
tDIHD
tDOHD
tCSH
tDOST
tSCLK
tSPWH
tSPWL
t SDECODE
tSCCS
Hi-Z
t CSDOZ
t CSDOD
Hi-Z
tCLK
SCLK
ADS130E08
SBAS574A – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TIMING CHARACTERISTICS
NOTE: SPI settings are CPOL = 0 and CPHA = 1.
Figure 1. Serial Interface Timing
Figure 2. Daisy-Chain Interface Timing
Timing Requirements For Figure 1 and Figure 2(1)
2.7 V
≤ DVDD ≤ 3.6 V
1.7 V
≤ DVDD ≤ 2.0 V
PARAMETER
DESCRIPTION
MIN
MAX
MIN
MAX
UNIT
tCLK
Master clock period
414
514
414
514
ns
tCSSC
CS low to first SCLK: setup time
6
17
ns
tSCLK
SCLK period
50
66.6
ns
tSPWH, L
SCLK pulse width, high and low
15
25
ns
tDIST
DIN valid to SCLK falling edge: setup time
10
10
ns
tDIHD
Valid DIN after SCLK falling edge: hold time
10
11
ns
tDOHD
SCLK falling edge to invalid DOUT: hold time
10
10
ns
tDOST
SCLK rising edge to DOUT valid: setup time
17
32
ns
tCSH
CS high pulse
2
2
tCLKs
tCSDOD
CS low to DOUT driven
10
20
ns
tSCCS
Eighth SCLK falling edge to CS high
4
4
tCLKs
tSDECODE
Command decode time
4
4
tCLKs
tCSDOZ
CS high to DOUT Hi-Z
10
20
ns
tDISCK2ST
Valid DAISY_IN to SCLK rising edge: setup time
10
10
ns
tDISCK2HT
Valid DAISY_IN after SCLK rising edge: hold time
10
10
ns
(1)
Specifications apply from –40°C to +105°C. Load on DOUT = 20 pF || 100 k
Ω, unless otherwise noted.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS130E08


Similar Part No. - ADS130E08IPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS130E08IPAGR TI1-ADS130E08IPAGR Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
More results

Similar Description - ADS130E08IPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com