Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS130E08IPAGR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS130E08IPAGR
Description  Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS130E08IPAGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS130E08IPAGR Datasheet HTML 5Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 6Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 7Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 8Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 9Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 10Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 11Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 12Page - Texas Instruments ADS130E08IPAGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
70
75
80
85
90
95
100
10
100
1000
Frequency (Hz)
Gain = 1
Gain = 2
Gain = 8
G007
−5
−4
−3
−2
−1
0
1
2
3
4
5
−1
−0.8 −0.6 −0.4 −0.2
0
0.2
0.4
0.6
0.8
1
Input (Normalized to Full−Scale)
Gain = 1
Gain = 2
Gain = 8
G008
−140
−130
−120
−110
−100
−90
−80
10
100
1000
Frequency (Hz)
Gain = 1
Gain = 2
Gain = 8
AIN = AVDD − 0.3 V to AVSS + 0.3 V
G005
−110
−105
−100
−95
−90
−85
−80
−75
10
100
1000
Frequency (Hz)
Gain = 1
Gain = 2
Gain = 8
G006
0
1000
2000
3000
4000
5000
Input−Referred Noise (µV)
G004
−350
−300
−250
−200
−150
−100
−50
0
50
100
150
200
250
300
350
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Time (s)
G003
ADS130E08
www.ti.com
SBAS574A – JULY 2012 – REVISED SEPTEMBER 2012
TYPICAL CHARACTERISTICS
All plots are at TA = +25°C, AVDD = 3 V, AVSS = 0 V, DVDD = 1.8 V, internal VREFP = 2.4 V, VREFN = AVSS, external
clock = 2.048 MHz, data rate = 8 kSPS, and gain = 1, unless otherwise noted.
INPUT-REFERRED NOISE
NOISE HISTOGRAM
Figure 3.
Figure 4.
CMRR vs FREQUENCY
THD vs FREQUENCY
Figure 5.
Figure 6.
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
INL vs PGA GAIN
Figure 7.
Figure 8.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS130E08


Similar Part No. - ADS130E08IPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS130E08IPAGR TI1-ADS130E08IPAGR Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
More results

Similar Description - ADS130E08IPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com