Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121S051 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC121S051
Description  ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S051 Datasheet(HTML) 3 Page - Texas Instruments

  ADC121S051 Datasheet HTML 1Page - Texas Instruments ADC121S051 Datasheet HTML 2Page - Texas Instruments ADC121S051 Datasheet HTML 3Page - Texas Instruments ADC121S051 Datasheet HTML 4Page - Texas Instruments ADC121S051 Datasheet HTML 5Page - Texas Instruments ADC121S051 Datasheet HTML 6Page - Texas Instruments ADC121S051 Datasheet HTML 7Page - Texas Instruments ADC121S051 Datasheet HTML 8Page - Texas Instruments ADC121S051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADC121S021
www.ti.com
SNAS305I – JULY 2005 – REVISED JANUARY 2014
Absolute Maximum Ratings
(1) (2) (3)
Analog Supply Voltage VA
−0.3V to 6.5V
Voltage on Any Digital Pin to GND
−0.3V to 6.5V
Voltage on Any Analog Pin to GND
−0.3V to (VA +0.3V)
Input Current at Any Pin (4)
±10 mA
Package Input Current (4)
±20 mA
Power Consumption at TA = 25°C
See (5)
ESD Susceptibility (6)
Human Body Model
3500V
Machine Model
300V
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
When the input voltage at any pin exceeds the power supply (that is, VIN < GND or VIN > VA), the current at that pin should be limited to
10 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 10 mA to two. The Absolute Maximum Rating specification does not apply to the VA pin. The current into the VA pin is
limited by the Analog Supply Voltage specification.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDmax = (TJmax − TA) / θJA. The values for maximum power dissipation listed above will be reached only when the device is operated
in a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply polarity is
reversed). Obviously, such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through zero ohms
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +85°C
VA Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
−0.3V to +5.25V
(regardless of supply voltage)
Analog Input Pins Voltage Range
0V to VA
Clock Frequency
25 kHz to 20 MHz
Sample Rate
up to 1Msps
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
Package Thermal Resistance
Package
θJA
6-lead WSON
94°C / W
6-lead SOT-23
265°C / W
Soldering process must comply with Reflow Temperature Profile specifications. Refer to http://www.ti.com/lit/SNOA549.(1)
(1)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC121S021


Similar Part No. - ADC121S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S051 NSC-ADC121S051 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC121S051 NSC-ADC121S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500ksps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S051 TI-ADC121S051 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC121S051 TI1-ADC121S051 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC121S051 TI1-ADC121S051 Datasheet
1Mb / 25P
[Old version datasheet]   ADC121S051 Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
More results

Similar Description - ADC121S051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121S021CIMF TI1-ADC121S021CIMF Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com