Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121S101 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADC121S101
Description  ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S101 Datasheet(HTML) 2 Page - Texas Instruments

  ADC121S101 Datasheet HTML 1Page - Texas Instruments ADC121S101 Datasheet HTML 2Page - Texas Instruments ADC121S101 Datasheet HTML 3Page - Texas Instruments ADC121S101 Datasheet HTML 4Page - Texas Instruments ADC121S101 Datasheet HTML 5Page - Texas Instruments ADC121S101 Datasheet HTML 6Page - Texas Instruments ADC121S101 Datasheet HTML 7Page - Texas Instruments ADC121S101 Datasheet HTML 8Page - Texas Instruments ADC121S101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
T/H
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
SCLK
CS
SDATA
CONTROL
LOGIC
VIN
ADC121S021
SNAS305I – JULY 2005 – REVISED JANUARY 2014
www.ti.com
Block Diagram
Pin Descriptions
Pin No.
Name
Description
ANALOG I/O
3
VIN
Analog input. This signal can range from 0V to VA.
DIGITAL I/O
4
SCLK
Digital clock input. This clock directly controls the conversion and readout processes.
5
SDATA
Digital data output. The output samples are clocked out of this pin on falling edges of the SCLK pin.
6
CS
Chip select. On the falling edge of CS, a conversion process begins.
POWER SUPPLY
Positive supply pin. This pin should be connected to a quiet +2.7V to +5.25V source and bypassed to
1
VA
GND with a 1 µF capacitor and a 0.1 µF monolithic capacitor located within 1 cm of the power pin.
2
GND
The ground return for the supply and signals.
For package suffix CISD(X) only, it is recommended that the center pad should be connected to
PAD
GND
ground.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: ADC121S021


Similar Part No. - ADC121S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101 Datasheet
916Kb / 23P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
ADC121S101 NSC-ADC121S101 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC121S101 NSC-ADC121S101 Datasheet
727Kb / 17P
   Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
More results

Similar Description - ADC121S101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121S021CIMF TI1-ADC121S021CIMF Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com