Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1015IDGSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1015IDGSR
Description  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015IDGSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1015IDGSR Datasheet HTML 4Page - Texas Instruments ADS1015IDGSR Datasheet HTML 5Page - Texas Instruments ADS1015IDGSR Datasheet HTML 6Page - Texas Instruments ADS1015IDGSR Datasheet HTML 7Page - Texas Instruments ADS1015IDGSR Datasheet HTML 8Page - Texas Instruments ADS1015IDGSR Datasheet HTML 9Page - Texas Instruments ADS1015IDGSR Datasheet HTML 10Page - Texas Instruments ADS1015IDGSR Datasheet HTML 11Page - Texas Instruments ADS1015IDGSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
VDD
GND
SCL
SDA
ADDR
A
T
(ADS1014/5Only)
LER
AIN0
AIN1
AIN2(ADS1015Only)
AIN3(ADS1015Only)
SCL
SDA
1
F
00n
I C-Capabl Master
e
(
)
MSP430
2
ADS1 13/4/
0
5
+3.3V
VDD
GND
1
F
00n
+3.3V
JTAG
Serial
AR
/U
T
+3.3V
10kW
10kW
ADS1013
ADS1014
ADS1015
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
www.ti.com
QUICKSTART GUIDE
For example, to write to the configuration register to
set the ADS1013/4/5 to continuous conversion mode
This section provides a brief example of ADS1013/4/5
and then read the conversion result, send the
communications. Refer to subsequent sections of this
following bytes in this order:
data sheet for more detailed explanations. Hardware
for this design includes: one ADS1013/4/5 configured
Write to Config register:
with an I2C address of 1001000; a microcontroller
First byte: 0b10010000 (first 7-bit I2C address
with an I2C interface (TI recommends the MSP430
followed by a low read/write bit)
product line); discrete components such as resistors,
capacitors, and serial connectors; and a 2V to 5V
Second byte: 0b00000001 (points to Config register)
power supply. Figure 9 shows the basic hardware
Third byte: 0b00000100 (MSB of the Config register
configuration.
to be written)
The ADS1013/4/5 communicate with the master
Fourth byte: 0b10000011 (LSB of the Config register
(microcontroller) through an I2C interface. The master
to be written)
provides a clock signal on the SCL pin and data are
transferred via the SDA pin. The ADS1013/4/5 never
Write to Pointer register:
drive the SCL pin. For information on programming
First byte: 0b10010000 (first 7-bit I2C address
and debugging the microcontroller being used, refer
followed by a low read/write bit)
to the device-specific product data sheet.
Second byte: 0b00000000 (points to Conversion
The first byte sent by the master should be the
register)
ADS1013/4/5 address followed by a bit that instructs
the ADS1013/4/5 to listen for a subsequent byte. The
Read Conversion register:
second byte is the register pointer. Refer to Table 6
First byte: 0b10010001 (first 7-bit I2C address
for a register map. The third and fourth bytes sent
followed by a high read/write bit)
from the master are written to the register indicated in
the second byte. Refer to Figure 16 and Figure 17 for
Second byte: the ADS1013/4/5 response with the
read
and
write
operation
timing
diagrams,
MSB of the Conversion register
respectively. All read and write transactions with the
Third byte: the ADS1013/4/5 response with the LSB
ADS1013/4/5 must be preceded by a start condition
of the Conversion register
and followed by a stop condition.
Figure 9. Basic Hardware Configuration
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1013 ADS1014 ADS1015


Similar Part No. - ADS1015IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1015IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com