Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4625-E Datasheet(PDF) 6 Page - ON Semiconductor

Part # LA4625-E
Description  2-channel 13.5W BTL Audio Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4625-E Datasheet(HTML) 6 Page - ON Semiconductor

  LA4625-E Datasheet HTML 1Page - ON Semiconductor LA4625-E Datasheet HTML 2Page - ON Semiconductor LA4625-E Datasheet HTML 3Page - ON Semiconductor LA4625-E Datasheet HTML 4Page - ON Semiconductor LA4625-E Datasheet HTML 5Page - ON Semiconductor LA4625-E Datasheet HTML 6Page - ON Semiconductor LA4625-E Datasheet HTML 7Page - ON Semiconductor LA4625-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA4625
Rev. 0 | Page 6 of 8 | www.onsemi.com
THD
= 30%
10%
PO -- VCC
6
0
10
20
30
40
50
60
7
8
9
10
11
12
1314
1516
1718
f = 1kHz
Rg = 600
Ω
RL = 4Ω
10kHz
100kHz
1kHz
THD -- PO
2
0.1
0.01
3
2
7
5
1.0
3
2
7
5
10
3
2
7
5
35
1.0
0.1
72
3
5
10
72
3
5
100
7
VCC = 12V
RL = 4Ω
Rg = 600
Ω
THD -- f
2
0.1
0.01
3
2
7
5
1.0
3
2
7
5
10
3
2
7
5
35
100
10
72 3 5
1k
72 3 5
10k
72 3 5 100k
7
VCC = 12V
RL = 4Ω
PO = 1W
VNO -- Rg
2
0.1
0.01
3
2
7
5
1.0
3
2
7
5
35
1k
100
72
3
5
10k
72
3
5
100k
7
VCC = 12V
RL = 4Ω
PO -- VIN
23
5 7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
5
7
100
2
3
5
7
1.0
10
23
5 7 100
23
5 7 1k
VCC = 12V
RL = 4Ω
f = 1kHz
THD = 10%
THD = 3%
THD = 1%
PO -- f
23 5 7
0
4
8
12
16
20
24
10
100 23 5 7 1k
23 5 7 10k 23 5 7100k
VCC = 12V
RL = 4Ω
Rg = 600
Ω
f Response
23
5 7
-10
-8
-6
-4
-2
0
2
10
100
23
5 7 1k
23
5 710k 23 5 7100k
VO = 0dBm at f = 1kHz
CHsep -- f
90
80
70
60
50
40
30
20
10
0
23
7
5
100
10
23
7
5
1k
23
7
5
10k
23
7
5 100k
VCC = 12V
RL = 4Ω
Rg = 10k
Ω
VO = 0dBm
VCC = 12V
RL = 4Ω
Rg = 600
Ω
Supply voltage, VCC -- V
Output power, PO -- W
Frequency, f -- Hz
Signal source resistance, Rg --
Ω
Input voltage, VIN -- mVrms
Frequency, f -- Hz
Frequency, f -- Hz
Frequency, f -- Hz
CH1
2
CH2
1


Similar Part No. - LA4625-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
More results

Similar Description - LA4625-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628_08 Datasheet
131Kb / 8P
   For General Audio 20W 2-Channel BTL Power Amplifier
logo
ON Semiconductor
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
   2-Channel BTL Power Amplifier
May, 2013
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
   BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com