Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12A44513PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TS12A44513PWR
Description  LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A44513PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS12A44513PWR Datasheet HTML 5Page - Texas Instruments TS12A44513PWR Datasheet HTML 6Page - Texas Instruments TS12A44513PWR Datasheet HTML 7Page - Texas Instruments TS12A44513PWR Datasheet HTML 8Page - Texas Instruments TS12A44513PWR Datasheet HTML 9Page - Texas Instruments TS12A44513PWR Datasheet HTML 10Page - Texas Instruments TS12A44513PWR Datasheet HTML 11Page - Texas Instruments TS12A44513PWR Datasheet HTML 12Page - Texas Instruments TS12A44513PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
50%
tOFF
tON
VIN
0 V
GND
IN
NO
COM
50 Ω
TS12A44514
TS12A44513
300 Ω
35pF
90%
90%
0 V
50%
tON
tOFF
VIN
0 V
GND
IN
NC
COM
50 Ω
300 Ω
35pF
90%
90%
0 V
TS12A44515
TS12A44513
VNOPEAK
VNOPEAK
VNO
VOUT
VIN
VNO
VOUT
VIN
V+
V+
V+
V+
V+
V+
VOUT
VOUT
Measurementsarestandardizedagainstshortatsocket
terminals. OFFisolationismeasuredbetweenCOMandOFF
terminals oneachswitch. ONlossismeasuredbetween COM
and ONterminalsoneachswitch. Signaldirectionthrough
switch isreversed; worstvaluesarerecorded.
VOUT
GND
IN
NO
COM
VIN
TS12A44513/14/15
OFFIsolation=20log
VOUT
VIN
ONLoss=20log
VOUT
VIN
50 Ω
50 Ω 50 Ω
50 Ω
MEAS
REF
10nF
V+
V+
V+
GND
IN
NO
COM
1-MHz
As
Required
Analyzer
Capacitance
or
NC
TS12A44513/14/15
V+
V+
TS12A44513
,, TS12A44514,, TS12A44515
www.ti.com ............................................................................................................................................................................................. SCDS247 – OCTOBER 2008
Figure 6. Switching Times
Figure 7. OFF Isolation and ON Loss
Figure 8. NO, NC, and COM Capacitance
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS12A44513 TS12A44514 TS12A44515


Similar Part No. - TS12A44513PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A44513PWR TI-TS12A44513PWR Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513PWR TI-TS12A44513PWR Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513PWR TI1-TS12A44513PWR Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
TS12A44513PWRG4 TI-TS12A44513PWRG4 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513PWRG4 TI-TS12A44513PWRG4 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
More results

Similar Description - TS12A44513PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com