Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY228 Datasheet(PDF) 1 Page - General Semiconductor

Part # BY228
Description  CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BY228 Datasheet(HTML) 1 Page - General Semiconductor

  BY228 Datasheet HTML 1Page - General Semiconductor BY228 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY228 SERIES
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
Reverse Voltage - 1500 Volts
Forward Current - 2.5 Amperes
FEATURES
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ 2.5 ampere operation
at TA=50°C with no
thermal runaway
♦ Typical IR less than 0.1µA
♦ Hermetically sealed package
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
BY228
UNITS
Maximum non repetitive peak reverse voltage
VRSM
1650
Volts
Maximum repetitive peak reverse voltage
VRRM
1500
Volts
Maximum RMS voltage
VRMS
1050
Volts
Maximum DC blocking voltage
VDC
1500
Volts
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA= 50°C
I(AV)
2.5
Amps
Peak forward surge current 10ms single half sine-wave
superimposed on rated load
IFSM
50.0
Amps
Maximum instantaneous forward voltage at 2.5A
VF
1.6
Volts
Working peak forward current at TA=75°C
IFWM
5.0
Amps
Peak repetitive forward surge current at TA=75°C
IFRM
10.0
Amps
Maximum peak reverse current
TA=25°C
5.0
at rated peak reverse voltage
TJ=140°C
IR
200
µA
Maximum reverse recovery time (NOTE 1)
trr
20.0
µs
Maximum forward recovery time (NOTE 2)
tfr
1.0
µs
Typical junction capacitance (NOTE 2)
CJ
40.0
pF
Typical thermal resistance (NOTE 4)
R
ΘJA
20.0
°C/W
Operating junction temperature range
TJ
-65 to +150
°C
Storage temperature range
TSTG
-65 to +200
°C
NOTES:
(1) Measured with IF=1.0A, IR=50mA, di/dt=50mA/
µs
(2) Measured with IF=5.0A with tr=0.1
µs
(3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(4) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length,
P.C.B. mounted
4/98
0.250 (6.3)
0.170 (4.3)
0.052 (1.32)
0.048 (1.22)
DIA.
DIA.
1.0 (25.4)
MIN
MAX.
0.300 (7.6)
1.0 (25.4)
MIN
Case Style G3
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306


Similar Part No. - BY228

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY228 PHILIPS-BY228 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY228 VISHAY-BY228 Datasheet
123Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BY228 VISHAY-BY228 Datasheet
35Kb / 3P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
logo
Gulf Semiconductor
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
logo
Vishay Siliconix
BY228 VISHAY-BY228 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results

Similar Description - BY228

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CGP30 VISHAY-CGP30 Datasheet
29Kb / 2P
   Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
General Semiconductor
CG3 GE-CG3 Datasheet
52Kb / 2P
   CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
   Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
CGP30 VISHAY-CGP30_11 Datasheet
82Kb / 4P
   Clamper/Damper Glass Passivated Rectifier
Revision: 20-Jan-11
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
   Miniature Clamper / Damper Glass Passivated Rectifier
01-Jan-2022
CGP30 VISHAY-CGP30_V01 Datasheet
74Kb / 5P
   Clamper/Damper Glass Passivated Plastic Rectifier
01-Jan-2022
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
logo
Shenzhen Taychipst Elec...
CGP15 TAYCHIPST-CGP15 Datasheet
1Mb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
CGP20 VISHAY-CGP20 Datasheet
79Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com