Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12A12511 Datasheet(PDF) 8 Page - Texas Instruments

Part # TS12A12511
Description  짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A12511 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS12A12511_14 Datasheet HTML 4Page - Texas Instruments TS12A12511_14 Datasheet HTML 5Page - Texas Instruments TS12A12511_14 Datasheet HTML 6Page - Texas Instruments TS12A12511_14 Datasheet HTML 7Page - Texas Instruments TS12A12511_14 Datasheet HTML 8Page - Texas Instruments TS12A12511_14 Datasheet HTML 9Page - Texas Instruments TS12A12511_14 Datasheet HTML 10Page - Texas Instruments TS12A12511_14 Datasheet HTML 11Page - Texas Instruments TS12A12511_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Switch I/O Voltage (V)
25C/3V
25C/5V
25C/6V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
VIO(V)
V+=3V, V-=-3.0V
V+=5V, V-=-5V
V+=6V,V-=-6V
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Switch I/O Voltage (V)
25C/3V
25C/5V
25C/6V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-40.00
25.00
85.00
Temperature (degrees C)
V+=3V, V-=-3V
V+=5V, V-=-5V
V+=6V, V-=-6V
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Control Input Voltage (V)
V+=3V,V-=-3V
V+=5V,V-=-5V
V+=6V,V-=-6V
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
-40.00
25.00
85.00
Temperature (Degrees C)
V+=3V, V-=-3V
V+=5V, V-=-5V
V+=6V, V-=-6V
TS12A12511
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. rON vs VIO
Figure 2. Leakage Current vs I/O voltage (Switch ON)
Figure 3. Leakage Current vs I/O Voltage (Switch OFF)
Figure 4. Positive Supply Current vs Temperature
Figure 5. Negative Supply Current vs Temperature
Figure 6. Control Input (IN) Threshold Voltage
8
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TS12A12511_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results

Similar Description - TS12A12511_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A12511 TI1-TS12A12511 Datasheet
879Kb / 24P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511DCNR TI1-TS12A12511DCNR Datasheet
869Kb / 24P
[Old version datasheet]   6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Analog Devices
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
logo
Texas Instruments
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com