Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY397P Datasheet(PDF) 2 Page - General Semiconductor

Part # BY397P
Description  SOFT RECOVER FAST - SWITCHING PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BY397P Datasheet(HTML) 2 Page - General Semiconductor

  BY397P Datasheet HTML 1Page - General Semiconductor BY397P Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20406080
100
120
140
0
3.0
1
10
100
10
0.4
0.6
1.0
1.2
1.4
1.6
1.8
10
100
4.0
2.0
1.0
1
0.1
0.01
1
100
10
100
10
100
200
2.0
0.8
020
40
60
100
0.1
10
1
0.01
80
RATINGS AND CHARACTERISTIC CURVES BY396P THRU BY399P
FIG. 1 - FORWARD CURRENT DERATING
CURVE
AMBIENT TEMPERATURE, °C
RESISTIVE OR
INDUCTIVE LOAD
0.375” (9.5mm) LEAD LENGTH
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 50HZ
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
REVERSE VOLTAGE, VOLTS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE,
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
TA=50°C
10ms SINGLE HALF SINE-WAVE
at RATED LOAD
TJ=50°C
TJ=100°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS


Similar Part No. - BY397P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY397P VISHAY-BY397P Datasheet
68Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
Revision: 26-Oct-09
BY397P VISHAY-BY397P Datasheet
79Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
01-Jan-2022
More results

Similar Description - BY397P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
TVR1B DACHANG-TVR1B_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
BA157 DACHANG-BA157_15 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier
FR251 DACHANG-FR251_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
RU3 DACHANG-RU3_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
FR301G DACHANG-FR301G_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com