Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12A12511DCNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS12A12511DCNR
Description  짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A12511DCNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS12A12511DCNR Datasheet HTML 6Page - Texas Instruments TS12A12511DCNR Datasheet HTML 7Page - Texas Instruments TS12A12511DCNR Datasheet HTML 8Page - Texas Instruments TS12A12511DCNR Datasheet HTML 9Page - Texas Instruments TS12A12511DCNR Datasheet HTML 10Page - Texas Instruments TS12A12511DCNR Datasheet HTML 11Page - Texas Instruments TS12A12511DCNR Datasheet HTML 12Page - Texas Instruments TS12A12511DCNR Datasheet HTML 13Page - Texas Instruments TS12A12511DCNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
Bias Voltage
TS12A12511
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Figure 11. Charge Injection vs Bias Voltage
10
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TS12A12511DCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A12511DCNR TI-TS12A12511DCNR Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
TS12A12511DCNR TI1-TS12A12511DCNR Datasheet
869Kb / 24P
[Old version datasheet]   6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
More results

Similar Description - TS12A12511DCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A12511 TI1-TS12A12511 Datasheet
879Kb / 24P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511DCNR TI1-TS12A12511DCNR Datasheet
869Kb / 24P
[Old version datasheet]   6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Analog Devices
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
logo
Texas Instruments
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com