Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6006V8 Datasheet(PDF) 3 Page - Littelfuse

Part # L6006V8
Description  Sensitive Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6006V8 Datasheet(HTML) 3 Page - Littelfuse

  L6006V8 Datasheet HTML 1Page - Littelfuse L6006V8 Datasheet HTML 2Page - Littelfuse L6006V8 Datasheet HTML 3Page - Littelfuse L6006V8 Datasheet HTML 4Page - Littelfuse L6006V8 Datasheet HTML 5Page - Littelfuse L6006V8 Datasheet HTML 6Page - Littelfuse L6006V8 Datasheet HTML 7Page - Littelfuse L6006V8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheets
Sensitive Triacs
©2004 Littelfuse, Inc.
E1 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
See “General Notes” on page E1 - 4 and “Electrical Specification Notes” on page E1 - 5.
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (4)
Volts
(2) (5) (15)
Volts
(1) (7)
mAmps
(13)
Amps
(13)
Watts
Watts
(8) (10)
Amps
(1) (10)
Volts/µSec
(1)
Volts/
µSec
(9)
µSec
Amps2Sec
Amps/µSec
TC =
25
°C
TC =
25
°C60/50 Hz
TC =
100 °C
MAX
MAX
MAX
TYP
TYP
TYP
1.6
2
5
1
10
0.2
10/8.3
0.5
20
2.8
0.41
20
1.6
2
5
1
10
0.2
10/8.3
0.5
15
2.8
0.41
20
1.6
2
5
1
10
0.2
10/8.3
0.5
10
2.8
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
20
3
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
15
3
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
10
3
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
30
3
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
25
3
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
20
3
0.41
20
1.6
2
15
1
10
0.2
10/8.3
2
35
3.2
0.41
20
1.6
2
15
1
10
0.2
10/8.3
2
30
3.2
0.41
20
1.6
2
15
1
10
0.2
10/8.3
2
25
3.2
0.41
20
1.6
25110
0.2
20/16.7
0.5
20
2.8
1.6
20
1.6
25110
0.2
20/16.7
0.5
20
2.8
1.6
20
1.6
25110
0.2
20/16.7
0.5
10
2.8
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
20
3
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
20
3
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
10
3
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
30
3
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
30
3
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
20
3
1.6
20
1.6
2
15
1
10
0.2
20/16.7
1
35
3.2
1.6
20
1.6
2
15
1
10
0.2
20/16.7
1
35
3.2
1.6
20
1.6
2
15
1
10
0.2
20/16.7
1
25
3.2
1.6
20
1.6
2
5
1.2
15
0.3
40/33
0.5
25
2.8
6.6
50
1.6
2
5
1.2
15
0.3
40/33
0.5
25
2.8
6.6
50
1.6
2
5
1.2
15
0.3
40/33
0.5
15
2.8
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
25
3
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
25
3
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
15
3
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
30
3
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
30
3
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
20
3
6.6
50
1.6
2
15
1.2
15
0.3
40/33
2
35
3.2
6.6
50
1.6
2
15
1.2
15
0.3
40/33
2
35
3.2
6.6
50
1.6
2
15
1.2
15
0.3
40/33
2
25
3.2
6.6
50


Similar Part No. - L6006V8

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L6006V8 TECCOR-L6006V8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6006V8 LITTELFUSE-L6006V8 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6006V8 TECCOR-L6006V8 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6006V8 LITTELFUSE-L6006V8 Datasheet
176Kb / 8P
   RoHS Compliant
logo
Inchange Semiconductor ...
L6006V8 ISC-L6006V8 Datasheet
230Kb / 2P
   isc Triacs
More results

Similar Description - L6006V8

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com