Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY229X-800 Datasheet(PDF) 1 Page - General Semiconductor

Part # BY229X-800
Description  FAST SWITCHING PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BY229X-800 Datasheet(HTML) 1 Page - General Semiconductor

  BY229X-800 Datasheet HTML 1Page - General Semiconductor BY229X-800 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY229X SERIES
FAST SWITCHING PLASTIC RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 8.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Glass passivated chip junction
♦ Low leakage, high voltage
♦ High surge current capability
♦ Superfast recovery time, for high efficiency
♦ High temperature soldering guaranteed:
250°C, 0.25" (6.35mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC ITO-220AC fully overmolded plastic body
over passivated chip
Terminals: Plated lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.064 ounce, 1.81 grams
Mounting Torque: 5 in. - lbs. max.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
BY229X
BY229X
BY229X
BY229X
SYMBOLS
-200
-400
-600
-800
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
Volts
Maximum RMS voltage
VRMS
140
280
420
560
Volts
Maximum DC blocking voltage
VDC
200
400
600
800
Volts
Maximum average forward rectified current
at TC=100°C
I(AV)
8.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
100
Amps
on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 20A
VF
1.85
Volts
Maximum DC reverse current
TJ=25°C
10.0
at rated DC blocking voltage
at TJ=125°C
IR
300
µA
Maximum reverse recovery time (NOTE 1)
trr
145
ns
Maximum recovered stored charge (NOTE 2)
Qrr
700
nC
Maximum slope of reverse recovery current (NOTE 2)
dir/dt
60
A/
µs
Maximum thermal resistance (NOTE 3)
R
ΘJC
4.8
°C/W
Typical thermal resistance, junction to air
R
ΘJA
20
°C/W
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C
RMS Isolation voltage from terminals to heatsink
4500 (NOTE 4)
with RH
≤ 30%
VISOL
3500 (NOTE 5)
Volts
1500 (NOTE 6)
NOTES:
(1) Reverse recovery test conditions: IF=1A, VR=30V, di/dt=50A/
µs, Irr=10% IRM
(2) Qrr test conditions: IF=2A, VR=30V, di/dt=20A/
µs
(3) Thermal resistance from junction to case mounted on heatsink with heatsink compound
(4) Clip mounting, where lead does not overlap heatsink with 0.110” offset.
(5) Clip mounting, where leads do overlap heatsink.
(6) Screw mounting, where washer diameter is
≤ 4.9 mm (0.19”).
ITO-220AC
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.676 (17.2)
0.646 (16.4)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
0.205 (5.20)
0.195 (4.95)
PIN 1
PIN 2
12
PIN
DIA.
DIA.
ADVANCED INFORMATION
ADVANCED INFORMATION
ADVANCED INFORMATION
10/12/98
Dimensions in inches and (millimeters)


Similar Part No. - BY229X-800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY229X-800 PHILIPS-BY229X-800 Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
Vishay Siliconix
BY229X-800 VISHAY-BY229X-800 Datasheet
133Kb / 5P
   Fast Switching Plastic Rectifier
Revision: 06-Nov-07
logo
Thinki Semiconductor Co...
BY229X-800 THINKISEMI-BY229X-800 Datasheet
603Kb / 2P
   8.0 Ampere Insulated Glass Passivated Ultra Fast Recovery Rectiflers
More results

Similar Description - BY229X-800

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
PS300R PANJIT-PS300R_09 Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA159-E3 VISHAY-BA159-E3 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com